Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1544J/883B Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG1544J/883B
Description  LOW-VOLTAGE SUPERVISORY CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1544J/883B Datasheet(HTML) 4 Page - Microsemi Corporation

  SG1544J/883B Datasheet HTML 1Page - Microsemi Corporation SG1544J/883B Datasheet HTML 2Page - Microsemi Corporation SG1544J/883B Datasheet HTML 3Page - Microsemi Corporation SG1544J/883B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SG1544/SG2544/SG3544
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
10
1
2
3
4
5
6
7
8
9
16
15
14
13
12
11
17
18
18-PIN CERAMIC DIP
J - PACKAGE
SG1544J/883B
-55
°C to 125°C
SG1544JDESC
-55
°C to 125°C
SG1544J
-55
°C to 125°C
SG2544J
-25
°C to 85°C
SG3544J
0
°C to 70°C
SG2544N
-25
°C to 85°C
SG3544N
0
°C to 70°C
18-PIN PLASTIC DIP
N - PACKAGE
U.V. N.I. INPUT
RESET
REMOTE ACTIVATE
SCR TRIGGER
OFFSET / COMP
C.L. N.I. INPUT
C.L. OUTPUT
U.V. DELAY
U.V. INDICATE
C.L. INV. INPUT
GROUND
O.V. INDICATE
U.V. INV. INPUT
O.V. DELAY
O.V. N.I. INPUT
O.V. INV. INPUT
1
18-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2544DW
-25
°C to 85°C
SG3544DW
0
°C to 70°C
16
15
14
13
12
11
10
17
18
2
3
4
5
6
7
8
9
+V
IN
V
REF
OFFSET / COMP
C.L. N.I. INPUT
C.L. OUTPUT
U.V. DELAY
U.V. INDICATE
C.L. INV. INPUT
GROUND
+V
IN
V
REF
U.V. N.I. INPUT
RESET
REMOTE ACTIVATE
SCR TRIGGER
O.V. INDICATE
U.V. INV. INPUT
O.V. DELAY
O.V. N.I. INPUT
O.V. INV. INPUT
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com