Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5307GDWR24 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 3Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 4Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 5Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 6Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 7Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 8Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 9Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 10Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CS5307
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEx = 100 pF,
CCOMP = 0.01μF, CSS = 0.1μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, VOCSET = 0.54 V, DAC Code 01110; unless otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Current Sense Amplifiers
OCSET Input Bias Current
OCSET = 0 V
−
0.1
1.0
μA
Current Sense Input to OCSET
Gain
OCSET/(CSx−CSREF), 0.25 V <
OCSET < 0.6 V, GATEx not
switching
2.5
2.8
3.1
V/V
Current Limit Filter Slew Rate
CSREF = 1.1 V, CSx = 1.0 V, pulse
CSx to 1.16 V, Note 5.
2.0
5.0
13
mV/μs
General Electrical Specification
VCC Operating Current
COMP = 0.3 V (no switching)
−
20
30
mA
UVLO Start Threshold
SS Charging Gates Switching
8.5
9.0
9.5
V
UVLO Stop Threshold
Gates not switching, SS & COMP
discharging
7.5
8.0
8.5
V
UVLO Hysteresis
Start−Stop
0.8
1.0
1.2
V
5. Guaranteed by design. Not tested in production.
PACKAGE PIN DESCRIPTION
Pin Number
Pin Symbol
Pin Name
Function
1
GND
Ground
IC power supply return. Connected to IC substrate.
2
OCSET
Overcurrent Set
Resistor divider from ROSC to GND. Programs the threshold of the hiccup
overcurrent protection.
3
ROSC
Oscillator Frequency
Adjust
ROSC is a regulated 1.0 V output and programs the oscillator frequency
with a resistor to GND.
4−7
CS1−CS4
Current Sense Inputs
Non−inverting inputs to the current sense amplifiers.
8
CSREF
Current Sense Reference
Inverting input to the current sense amplifiers and reference for Power Good.
9
VDRP
Current Sense Amp
Output
Programs the voltage drop due to loading. A resistor from VDRP to FB
programs the amount of Adaptive Voltage Positioning. Omitting this
resistor defeats the AVP function.
10
VFB
Voltage Feedback
Error Amplifier inverting input. Input bias current is used to program AVP
light load offset via a resistor connected to the converter output voltage.
11
COMP
Error Amp Output and
PWM Comparator Input
Provides loop compensation and is clamped by SS.
12
SS
Soft Start
Controls fault timing and startup.
13
PWRGD
Power Good Output
Open collector output, which is “low” when the converter output is out of
regulation.
14
PWRGDS
Power Good Sense
A resistor divider from VOUT to GND programs the Power Good lower
threshold.
15−19
VID4−VID0
DAC VID Inputs
TTL−compatible logic input used to program the converter output voltage.
Internal 50 kΩ pull−ups to 3.3 V via a blocking diode are provided. All high
generates fault.
20−23
GATE4−1
Channel Outputs
PWM outputs to drive FET driver IC.
24
VCC
Supply Input
IC bias input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com