Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1846L/883B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1846L/883B
Description  CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1846L/883B Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1846L/883B Datasheet HTML 1Page - Microsemi Corporation SG1846L/883B Datasheet HTML 2Page - Microsemi Corporation SG1846L/883B Datasheet HTML 3Page - Microsemi Corporation SG1846L/883B Datasheet HTML 4Page - Microsemi Corporation SG1846L/883B Datasheet HTML 5Page - Microsemi Corporation SG1846L/883B Datasheet HTML 6Page - Microsemi Corporation SG1846L/883B Datasheet HTML 7Page - Microsemi Corporation SG1846L/883B Datasheet HTML 8Page - Microsemi Corporation SG1846L/883B Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CURRENT MODE PWM CONTROLLER
FEATURES
••••• Automatic feed forward compensation
••••• Programmable pulse by pulse current limiting
••••• Automatic symmetry correction in push-pull
configuration
••••• Enhanced load response characteristics
••••• Parallel operation capability for modular power
systems
••••• Differential current sense amplifier with wide
common mode range
••••• Double pulse suppression
••••• 200mA totem-pole outputs
••••• ± 1% bandgap reference
••••• Under-voltage lockout
••••• Soft-start capability
••••• Shutdown capability
••••• 500KHz operation
HIGH RELIABILITY FEATURES - SG1846
♦
♦
♦
♦
♦ Available to MIL-STD - 883
♦
♦
♦
♦
♦ Radiation data available
♦
♦
♦
♦
♦ LMI level "S" processing available
DESCRIPTION
The SG1846 family of control ICs provides all of the necessary
features to implement fixed frequency, current mode control
schemes while maintaining a minimum external parts count. The
superior performance of this technique can be measured in im-
proved line regulation, enhanced load response characteristics,
and a simpler, easier-to-design control loop. Topological advan-
tages include inherent pulse-by-pulse current limiting capability,
automatic symmetry correction for push-pull converters, and the
ability to parallel “power modules” while maintaining equal current
sharing.
Protection circuitry includes built-in under-voltage lockout and
programmable current limit in addition to soft start capability. A
shutdown function is also available which can initiate either a
complete shutdown with automatic restart or latch the supply off.
Other features include fully latched operation, double pulse sup-
pression, deadtime adjust capability, and a ±1% trimmed bandgap
reference.
BLOCK DIAGRAM
SG1846/SG2846/SG3846
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570


Similar Part No. - SG1846L/883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1846L/883B MICROSEMI-SG1846L/883B Datasheet
354Kb / 10P
CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG1846L/883B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com