Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1844F/DESC Datasheet(PDF) 9 Page - Microsemi Corporation

Part # SG1844F/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844F/DESC Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button SG1844F/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 9Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 10Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 11Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 2000
Rev. 1.4
4/00
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR V E S
FIGURE 10. — CURRENT SENSE THRESHOLD vs.
ERROR AMPLIFIER OUTPUT
FIGURE 11. — OUTPUT SATURATION VOLTAGE vs.
OUTPUT CURRENT & TEMPERATURE
FIGURE 9. — OUTPUT SATURATION VOLTAGE vs.
OUTPUT CURRENT & TEMPERATURE
Error Amp Output Voltage - (V)
0.2
1.0
2.0
3.0
4.0
5.0
0.4
0.6
0.8
1.0
0
0.1
0.3
0.5
0.7
0.9
Output Current - (mA)
0.5
100
200
300
400
500
1.0
1.5
2.0
2.5
0
-55°
C
+25°
C
+125
°C
V
IN = 15V
Duty Cycle < 5%
Output Current - (mA)
1.0
100
200
300
400
500
2.0
3.0
4.0
0
V
IN = 15V
Duty Cycle < 5%
-55°
C
+25°
C
+125
°C
+125
°C
+25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com