Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1844L/DESC Datasheet(PDF) 12 Page - Microsemi Corporation

Part # SG1844L/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844L/DESC Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button SG1844L/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 9Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 10Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 11Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
Copyright © 2000
Rev. 1.4
4/00
12
P RODUCTION D ATA S HEET
TYPICAL APPLICA TION CIRCUITS
(continued)
FIGURE 19. — EXTERNAL DUTY CYCLE CLAMP AND
MULTI-UNIT SYNCHRONIZATION
FIGURE 18. — ADJUSTABLE BUFFERED REDUCTION OF CLAMP LEVEL
WITH SOFTSTART
Precision duty cycle limiting for a duty cycle of <50%, as well as
synchronizing several 1844/45's is possible with the above circuitry.
Softstart and adjustable peak current can be done with the external
circuitry shown above.
I
PK =
Where: 0
≤ V
1 ≤ 1.0V
t
SOFTSTART = -ln 1 -
C
7 (12)
6 (10)
7 (11)
5 (8)
3 (5)
SG1844/45
V
CC
V
IN
Q1
R
S
5 (9)
8 (14)
4 (7)
2 (3)
1 (1)
2N2907
R
2
R
1
C
2
6
R
B
R
A
1
84
3
555
TIMER
4 (7)
5 (9)
8 (14)
SG1844/45
To other
SG1844/45
C
FIGURE 21. — ERROR AMPLIFIER CONNECTION
FIGURE 20. — OSCILLATOR CONNECTION
7 (11)
6 (10)
5V
C
T
2.8V
1.1V
SG1844/45
Discharge
Current
I
d = 8.2mA
R
T
1 (1)
R
F
R
i
2 (3)
R
F ³ 10K
2.5V
SG1844/45
0.5mA
The oscillator is programmed by the values selected for the timing
components R
T and CT.
Refer to application information for
calculation of the component values.
Error amplifier is capable of sourcing and sinking current up to 0.5mA.
f =
(R
A + 2RB)C
1.44
f =
R
A + 2RB
R
B
V
1
R
S
R
1 R2
R
1+R2
1.43 - 0.23
1+
V
C
V
2
and V
1 =
where: V
2 =
R
1
R
2
R
1
R
2
0.5
1+
R
1
R
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com