Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTS1545EMFST1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTS1545EMFST1G
Description  Exceptionally Low Leakage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS1545EMFST1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTS1545EMFST1G Datasheet HTML 1Page - ON Semiconductor NTS1545EMFST1G Datasheet HTML 2Page - ON Semiconductor NTS1545EMFST1G Datasheet HTML 3Page - ON Semiconductor NTS1545EMFST1G Datasheet HTML 4Page - ON Semiconductor NTS1545EMFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 0
1
Publication Order Number:
NTS1545EMFS/D
NTS1545EMFS,
NRVTS1545EMFS
Exceptionally Low Leakage
Trench-based Schottky
Rectifier
Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• Low Thermal Resistance
• High Surge Capability
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide−Free Devices
Typical Applications
• Switching Power Supplies including Wireless, Smartphone and
Notebook Adapters
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• Instrumentation
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting SurfaceTemperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Device
Package
Shipping†
ORDERING INFORMATION
NTS1545EMFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
SCHOTTKY BARRIER
RECTIFIERS
15 AMPERES
45 VOLTS
http://onsemi.com
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
TE1545
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
TE1545
AYWWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTS1545EMFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
NRVTS1545EMFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVTS1545EMFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NTS1545EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS1545MFS ONSEMI-NTS1545MFS Datasheet
67Kb / 5P
Schottky Rectifier
July, 2014 ??Rev. 0
NTS1545MFST1G ONSEMI-NTS1545MFST1G Datasheet
67Kb / 5P
Schottky Rectifier
July, 2014 ??Rev. 0
NTS1545MFST3G ONSEMI-NTS1545MFST3G Datasheet
67Kb / 5P
Schottky Rectifier
July, 2014 ??Rev. 0
More results

Similar Description - NTS1545EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS1260EMFS ONSEMI-NRVTS1260EMFS Datasheet
72Kb / 5P
Exceptionally Low Leakage Trench-based Schottky Rectifier
May, 2015 ??Rev. 1
NTS860MFS ONSEMI-NTS860MFS Datasheet
72Kb / 5P
Exceptionally Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 0
NTS1260MFS ONSEMI-NTS1260MFS Datasheet
72Kb / 5P
Exceptionally Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 0
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NTS1045EMFS ONSEMI-NTS1045EMFS Datasheet
71Kb / 5P
Exceptionally Low Leakage Trench-based Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS560ETFS ONSEMI-NRVTS560ETFS_V01 Datasheet
182Kb / 6P
Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com