Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE91153 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91153
Description  Precision SMA Female to SMA Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91153 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91153 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91153 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91153 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
SMA Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 27 GHz
Maximum VSWR
1.15:1
Maximum Insertion Loss, dB
0.25
Mechanical Specifications
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM A380
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PTFE
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM A380
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to SMA Female Right Angle Adapter Mitered PE91153
PE91153
PE91153 REV 1.0
Precision SMA Female to SMA Female
Right Angle Adapter Mitered


Similar Part No. - PE91153

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
SMC JACK TO SMC JACK
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE91151 PASTERNACK-PE91151 Datasheet
373Kb / 3P
Precision SMA Male to SMA Male Right Angle Adapter Mitered
PE91152 PASTERNACK-PE91152 Datasheet
372Kb / 3P
Precision SMA Male to SMA Female Right Angle Adapter Mitered
PE91154 PASTERNACK-PE91154 Datasheet
374Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter Gold Plated
More results

Similar Description - PE91153

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9432 PASTERNACK-PE9432 Datasheet
243Kb / 2P
Precision SMA Female to N Female Adapter
PE9496 PASTERNACK-PE9496 Datasheet
252Kb / 2P
Precision SMA Female to BNC Female Adapter
PE9507 PASTERNACK-PE9507 Datasheet
241Kb / 2P
Precision SMA Female to SMA Female Adapter 26.5 Ghz.
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9725 PASTERNACK-PE9725 Datasheet
252Kb / 3P
Precision SMA Female to 3.5mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
SMA Male to SMA Female Bulkhead Precision
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com