Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC-2A Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SC-2A
Description  High-Performance LED(FM and Baseband Video)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SC-2A Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SC-2A Datasheet HTML 2Page - Mitel Networks Corporation SC-2A Datasheet HTML 3Page - Mitel Networks Corporation SC-2A Datasheet HTML 4Page - Mitel Networks Corporation SC-2A Datasheet HTML 5Page - Mitel Networks Corporation SC-2A Datasheet HTML 6Page - Mitel Networks Corporation SC-2A Datasheet HTML 7Page - Mitel Networks Corporation SC-2A Datasheet HTML 8Page - Mitel Networks Corporation SC-2A Datasheet HTML 9Page - Mitel Networks Corporation SC-2A Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
105429 1997-07-03
Mitel emitters and detectors can be
provided in this pigtail package with
a wide selection of fiber types. The
device is electrically isolated from
the pigtail receptacle to facilitate
electrical connection. And optimum
fiber-coupled power or responsivity
is ensured by active alignment
against the fiber. A special design
maximizes the return loss for detec-
tors in this package.
Note 3: Add Rthjc for LED to estimate the total thermal resistance.
Absolute Maximum Ratings
PARAMETER
SYMBOL
LIMIT
Operating & Storage Temperature (Note 1 & 2)
Tstg, Top
- 40 to +85 C
min.12
MARKING
13
Ø6.00
Mechanical Outline of Diode in PIGTAIL-3A Housing
Note 1: Temperature range can be extended to -55/+125 C on request.
Note 2: Temperature range may be limited by the specification of the fiber.
Thermal Characteristics
All Dimensions in mm
Optical Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthcc
25
C/W
(Note 3)
Thermal Resistance - No Heat Sink
Rthca
250
C/W
(Note 3)
Thermal Resistance - On PC-Board
Rthca
120
C/W
(Note 3)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Return Loss 10/125 m fiber
RL
40
55
dB
(PIN only)
Pigtail-3A
Package
Emitter or Detector in Pigtail Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com