Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2B454 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # 2B454
Description  VCSEL Laser Diode(Datacom)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

2B454 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  2B454 Datasheet HTML 1Page - Mitel Networks Corporation 2B454 Datasheet HTML 2Page - Mitel Networks Corporation 2B454 Datasheet HTML 3Page - Mitel Networks Corporation 2B454 Datasheet HTML 4Page - Mitel Networks Corporation 2B454 Datasheet HTML 5Page - Mitel Networks Corporation 2B454 Datasheet HTML 6Page - Mitel Networks Corporation 2B454 Datasheet HTML 7Page - Mitel Networks Corporation 2B454 Datasheet HTML 8Page - Mitel Networks Corporation 2B454 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FUNCTIONAL SCHEMATIC
Functional Schematic
VCSEL CATHODE
COMMON WITH
MONITOR ANODE
VCSEL ANODE
MONITOR CATHODE
VCSEL
MONITOR
INFINITE
HEAT SINK
NO HEAT SINK
FIGURE 5
100 C
80
60
40
20
0
mW
50
40
30
20
10
0
OPERATING TEMPERATURE
FIGURE 7
r
z = opt.
Øc = 50 µm
z
r - RADIAL DISPLACEMENT OF FIBER
50 µm
40
30
20
10
0
%
100
80
60
40
20
0
If vs Vf
FORWARD VOLTAGE
mA
20
10
0
0
1
2
3V
FIGURE 1
100 C
80
60
40
20
0
%
120
100
80
60
40
20
OPERATING TEMPERATURE
FIGURE 2
100 C
80
60
40
20
0
%
120
100
80
60
40
20
OPERATING TEMPERATURE
FIGURE 3
FORWARD CURRENT
20 mA
16
12
8
4
0
%
100
80
60
40
20
0
Pel vs T
Po vs T
Ith vs T
Po vs If
Pf vs r Alignment
FIGURE 6
r
r = opt.
Øc = 50 µm
z
3.5 mm
3.0
2.5
2.0
1.5
1.0
%
100
80
60
40
20
0
z - AXIAL DISPLACEMENT OF FIBER
Pf vs z Alignment
840nm
2B454
VCSEL Laser Diode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com