Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPSORION Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # GPSORION
Description  12 Channel GPS Receiver Design Product Brief
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GPSORION Datasheet(HTML) 3 Page - Mitel Networks Corporation

  GPSORION Datasheet HTML 1Page - Mitel Networks Corporation GPSORION Datasheet HTML 2Page - Mitel Networks Corporation GPSORION Datasheet HTML 3Page - Mitel Networks Corporation GPSORION Datasheet HTML 4Page - Mitel Networks Corporation GPSORION Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
GPS Orion PRODUCT BRIEF
DATA I/O
WINMON MODE:
(J2 socket)
NMEA MODE:
(J2 socket)
UPDATE RATE:
RTCM DIFFERENTIAL CORRECTIONS:
(J1 socket)
Proprietory GEC-Plessey Semiconductors ASCII interface protocol. Full
input/output interface, controlling all user-definable options.
19200 baud, 8-bits, No Parity, 1 stop bit.
NMEA 0183 V2.01 with GGA, RMC, GSV & GSA (output only - not
configurable).
4800 baud, 8-bits, No parity, 1 stop bit.
Receiver configuration is still available in NMEA mode, by using WINMON
command protocol at 4800 baud, 8-bits, No parity, 1 stop bit.
1 per second (both modes)
RTCM SC-104 (input only) - message types 1, 2 & 9-3
9600 baud, 8-bits, No Parity, 1 stop bit
PHYSICAL CHARACTERISTICS - GPS ORION RECEIVER BOARD
PRIME POWER: Vdd into receiver board
EXTERNAL BACKUP POWER: Vdr
ACTIVE-ANTENNA POWER:
POWER CONSUMPTION: Vdd
MEMORY/RTC BACKUP POWER
CONSUMPTION: Vdr
INSTALLED SUPERCAP BACKUP LIFE:
DATA I/O LEVELS:
SIZE: (GPS Orion Receiver Board only)
SIZE: (with GPS Orion Interface Board
attached)
CONNECTORS:
+5 volts DC, +/- 10%
>+2.2 volts DC, <+5.5volts DC
+5 volts DC available
GPS Receiver Board only: 370mA 1.85W
With Antenna: 395mA 1.98W
60
µA @ Vdr > +2.2volts DC
4 hours approx.
CMOS TTL levels (0v & +5v)
95mm x 50mm x 20mm (with RF connector)
95mm x 50mm x 12mm (no RF connector)
95mm x 50mm x 30mm
RF: SMA socket
I/O: 9-pin (1 x 9), 0.1" pitch plug
PHYSICAL CHARACTERISTICS - GPS ORION INTERFACE BOARD
INPUT POWER SUPPLY:
MEMORY / RTC BACKUP BATTERY:
BATTERY CHARGE -
G RATE:
G TOTAL RECHARGE TIME:
BATTERY BACKUP LIFE (when supplying
Vdr pin on GPS Orion receiver board):
DATA I/O LEVELS:
OUTPUT DATA-MODE CHANGE:
SOFT RESET:
CONNECTORS:
+8 volts to +30volts DC
+3.6 v NiCad, 110mAhrs
7.5mA typical
18 hours approx.
8 weeks approx.
RS232 levels (
±10v)
Slide switch
Push button
I/O to Orion: 9-pin (1 x 9), 0.1" pitch socket
Power: 2.5mm power socket (centre positive)
RS232: 2 x 9 pin D-type plug
ENVIRONMENTAL CHARACTERISTICS (RECEIVER BOARD ONLY)
OPERATING TEMP:
STORAGE TEMP:
-40
°C to +85°C
-50
°C to +110°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com