Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MH88511 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88511 Datasheet HTML 1Page - Mitel Networks Corporation MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-57
Preliminary Information
MH88510/11
Figure 4 - Return Loss VS Junctor Load Impedance
Figure 5 - Typical Application Circuit
10
20
30
40
50
60
550
600
650
700
750
800
850
900
950
TYPICAL
RETURN
LOSS
LOAD IMPEDANCE ON JUNCTOR (
Ω)
(dB)
TIP
RING
RINGING
GENERATOR
90VRMS
OPTIONAL
PROTECTION
CIRCUIT
K1
R1
-48V
-5V
C1
C2
+5V
K1
DS1
AUDIO
INPUT/OUTPUT
MUTE CONTROL
INPUT
SWITCH HOOK
OUTPUT
OFF-HOOK LED
RING CONTROL
INPUT
TIP
RING
RF1
VBAT
VEE AGND VDD RGND
VRLY
RRD
LED
SHK
MUTE
JUNC
RRC
1
3
4
6,14
813
12
18
20
17
19
9
10
15
16
MH88510/11
Notes:
R1= 200
Ω, 1/4W, 5%
K1= Relay E/M 5V, 1 form C
C1, C2 = 0.1uF, 50V, Ceramic
~



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com