Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDT3197 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3197
Description  ???LED 雍멨눣?㎩댍IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3197 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3197 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. CDT3197 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CDT-3197 ---
2
CDT3197
P. 2
六個 LED 輸出控制 IC
I
CDT3197-01: K1 ~ K5 – ON/OFF 控制方式
BUZZER
K1
- L1L2L3L4L5 全亮,L6 自閃
K2
- L1L2L3L4L5 全閃,L6 自閃
K3
- L5 , L4L3L2L1L1L1L4L3L2L1L1L1, L6 自閃
K4
- L1 , L2L3L4L5L5L5L2L3 L4L5L5L5, L6 自閃
K5
- L1→L2 →L3→L4→L5→L4→L3→L2→L1
L1L2L3L4 L5 同 閃 3 下
I
CDT3197-02: K1 ~ K5 – LEVEL HOLD 控制方式
BUZZER
K1
- L1L2L3L4L5
全閃
5.5Hz, Duty=1/2
Rosc=300KΩ
K2
- L1L2L3L4L5
順閃
2.8Hz, Duty=1/2
K3
- L1L2L3L4L5
順閃
1.5Hz, Duty=1/2
K4
- L5L4L3L2L1
順閃
5.5Hz, Duty=1/2
K5
- L1→L2→L3→L4→L5→L6→L5→L 4→L3→L2→L1
來回閃, K5 最小, 可獨立使用
I
CDT3197-03 K1 ~ K5 – LEVEL HOLD 控制方式
BUZZER
K1
- L2L3L4L5 全亮
K2
- L1L2L3L4 L5L6 全閃 2Hz, Duty=1/2
K3
- L2L3L4L5 順閃 全波 1Hz L6 自閃 4Hz
K4
- L5L4L3L2 順閃 全波 1Hz L1 自閃 4Hz
K5
- L2→L3→L4→L5→L 4→L3→L2 全波 1Hz
來回閃, K5 最小, 可獨立使用



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com