Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDT3205 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3205
Description  ???LED 雍멨눣?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3205 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3205 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3205 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3205 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3205 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDT-3205 ---
2
CDT3205
P. 2
六個 LED 輸出控制 IC
■
IC 打線腳座配置
■
16 PIN DIP 包裝
晶片
16Pin X(μm)
Y(μm)
使用符號
功
能
說
明
1
1
120
750
OSCI
振盪器輸入
2
2
120
490
ALLON
接 VDD 時 -- 全亮 (任何時段按下皆全亮)
3
3
175
125
FLASH
接 VDD 時 -- 全閃 (任何時段按下皆全閃)
4
4
415
125
VDD
電源正極
5
5
640
125
CG
接 VSS 時 -- 來回閃
6
6
915
125
OS
One Shot 動作
7
7
1510
125
ON/OFF
LED 閃爍/停止 選擇
8
1580
665
TEST
內部測試端
9
8
1580
910
VSS
電源負極
10
1580
1130
OPT
One Shot: Retrig(內定),接 VSS - Non-Retrig
11
9
1550
1530
RST
輸出個數設定
(當 RST+L4 時,只有 L1 L2 L3 L4 動作)
12
13
14
15
16
17
10
11
12
13
14
15
1330
1100
860
630
390
150
1530
1530
1530
1530
1530
1530
L6
L5
L4
L3
L2
L1
LED6 輸出
LED5 輸出
LED4 輸出
LED3 輸出
LED2 輸出
LED1 輸出
18
16
120
1030
OSCO
振盪器輸出
1
17
16
15
13
12
8
L1
L2
L3
L4
L6
14
L5
1
18
1
1
1
3
4
6
7
FLASH VDD
OS ON/OFF
OSCO
OSCI
9
10
OPT
VSS
TEST
CDT3205
Chip Size: 1800 x 1850 µM
IC 底座接 VDD
CDT3205-4
OSCI
OSCO
ALLON
L1
FLASH
L2
VDD
L3
CG
L4
OS
L5
ON/OFF
L6
8
VSS
9
RST
11
RST
1
2
ALLON
5
CG
1
16
2
15
3
14
4
13
5
12
6
11
7
10
(0,0)
(1800,1850)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com