Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SV7-SI-AF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SV7-SI-AF
Description  Si Programmable Servo Drive w/ Encoder outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SV7-SI-AF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SV7-SI-AF Datasheet HTML 1Page - List of Unclassifed Manufacturers SV7-SI-AF Datasheet HTML 2Page - List of Unclassifed Manufacturers SV7-SI-AF Datasheet HTML 3Page - List of Unclassifed Manufacturers SV7-SI-AF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Number:
SV7-Si-AF
Part Number:
5000-175
Supply Voltage:
24-80 VDC
Supply Voltage Type:
DC
Control Modes:
Si Programming
Output Current,
Continuous:
7.0
Output Current, Peak:
14.0
Communication Ports:
RS-232
Feedback:
Halls + Incremental encoder
Setup Method:
Software setup
Digital Inputs:
8
Digital Outputs:
4
Analog Inputs:
1 differential or 2 single-ended
Dimensions:
5 x 3 x 1.78 inches
Weight:
10.0 oz
Ambient Temperature
Range:
0 to 40 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Software:
DSP Firmware Downloader
Si Firmware Downloader
Si Programmer™
Specifications
Software



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com