Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2869AF-06OR Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM3P2869AF-06OR
Description  Low Power Peak EMI Reducing Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2869AF-06OR Datasheet(HTML) 5 Page - ON Semiconductor

  ASM3P2869AF-06OR Datasheet HTML 1Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 2Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 3Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 4Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 5Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 6Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 7Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 8Page - ON Semiconductor ASM3P2869AF-06OR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ASM3P2869A
http://onsemi.com
5
Table 7. DC ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated.)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS−0.3
−
0.8
V
VIH
Input high voltage
2.0
−
VDD+0.3
V
IIL
Input low current
−
−
−35
mA
IIH
Input high current
−
−
35
mA
IXOL
XOUT output low current (@ 0.4 V, VDD = 3.3 V)
−
3
−
mA
IXOH
XOUT output high current (@ 2.5 V, VDD = 3.3 V)
−
3
−
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 8 mA)
−
−
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 8 mA)
2.5
−
−
V
IDD
Static supply current (Note 3)
−
1.3
−
mA
ICC
Dynamic supply current (3.3 V, 10 MHz and no load)
−
4.0
−
mA
VDD
Operating Voltage
2.7
3.3
3.6
V
tON
Power−up time (first locked cycle after power−up)
−
−
5
mS
ZOUT
Output impedance
−
45
−
W
3. XIN / CLKIN pin is pulled low.
Table 8. AC ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
6
−
13
MHz
ModOUT
Output frequency
6
−
13
MHz
fd
Frequency Deviation
Input Frequency = 6 MHz
−
±1.6
−
%
Input Frequency = 13 MHz
−
±0.65
−
tLH (Note 4)
Output rise time (measured from 0.8 V to 2.0 V)
0.5
1.4
1.6
nS
tHL (Note 4)
Output fall time (measured at 2.0 V to 0.8 V)
0.4
1.0
1.2
nS
tJC
Jitter (Cycle−to−Cycle)
−
−
200
pS
tD
Output duty cycle
45
50
55
%
4. tLH and tHL are measured into a capacitive load of 15 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com