Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE2N7002BM Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2N7002BM
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2N7002BM Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2N7002BM Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2N7002BM Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2N7002BM Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2N7002BM Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2N7002BM Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
        
ACE2N7002
                                  N-Channel Enhancement Mode Field Effect Transistor 
VER 1.1
2
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-10uA
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=60 V, VGS=0V
1
Ua
Gate Threshold Voltage
VGS(th)
VGS= VDS, lDS=250 uA
1.0
1.85
2.5
V
Gate Leakage Current
IGSS
VGS=+20V, VDS=0V
10
uA
Drain-Source On-state Resistance
RDS(ON)
VGS=10V, ID=0.5A
7.5
Ω
VGS=5V, ID=0.05A
7.5
Ω
Forward Transconductance
gFS
VDS=10V, ID=-0.5A
15
S
Switching characteristics(3)
Turn-On Delay Time
Td(on)
ID=0.19, VDS=30V
VGS=10V,RL=155Ω
12
ns
Turn-Off Delay Time
td(off)
20
Dynamic characteristics(3)
Input Capacitance
Ciss
VGS=0V, VDS=25V
f=1.0MHz
52
pF
Output Capacitance
Coss
7.7
Reverse Transfer Capacitance
Crss
3.9
Note: 1. Pulse test: PW≦300us, duty cycle≦1%
Typical Performance Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com