Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1233MS-3F Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM1233MS-3F
Description  Reset Active LOW Open-Drain Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1233MS-3F Datasheet(HTML) 4 Page - ON Semiconductor

  ASM1233MS-3F Datasheet HTML 1Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 2Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 3Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 4Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 5Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 6Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 7Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 8Page - ON Semiconductor ASM1233MS-3F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ASM1233D, ASM1233D−L, ASM1233M
http://onsemi.com
4
Table 3. DC ELECTRICAL CHARACTERISTICS (Unless otherwise noted, VCC = 5 V ±10% and specifications are over the
operating temperature range of −40°C to +85°C. All voltages are referenced to ground.) (Note 2)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOL
RESET asserted
0.4
V
VOH
IOUT < 500 mA
VCC−0.5 V
VCC−0.1 V
Output Current
IOL
Output = 0.4 V
8
mA
Operating Current
ICC
VCC < 5.5 V, RESET output open
8
20
mA
VCC ≤ 3.6 V, RESET output open
6
15
VCC Trip Point
VCCTP
ASM1233D−LZ−5
2.98
3.06
3.15
V
ASM1233D−LZ−10
2.8
2.88
2.97
ASM1233D−LZ−15
2.64
2.72
2.8
ASM1233DZ−5
4.5
4.625
4.74
ASM1233DZ−10
4.25
4.375
4.49
ASM1233DZ−15
4.0
4.125
4.24
ASM1233M−5
4.25
4.375
4.49
ASM1233M−55
4.5
4.625
4.75
ASM1233M−3
2.64
2.72
2.8
Voltage High Trip Level
VHTL
ASM1233D, ASM1233MS−5,
ASM1233MS−55
4.75
V
ASM1233MS−3
3.14
ASM1233D−L
3.06
Voltage Low Trip Level
VLTL
ASM1233D, ASM1233MS−5,
ASM1233MS−55
4.00
V
ASM1233MS−3
2.48
ASM1233D−L
2.3
Internal Pull−up Resistor
RP
3.5
5.0
7.5
kW
Output Capacitance
COUT
10
pF
VCC Detect to
RESET Low
tRPD
2
10
ms
VCC Detect to
RESET High
tRPU
ASM1233D−L, ASM1233M
200
350
500
ms
ASM1233D
250
350
450
VCC Slew Rate
(VHTL − VLTL)
tF
300
ms
VCC Slew Rate
(VLTL − VHTL)
tR
0
ns
2. A 1 kW resistor may be required in some applications for proper operation of the microprocessor reset control circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com