Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE517C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE517C
Description  2A Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE517C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE517C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE517C
2A Low Consumption Linear Regulator
VER 1.2
1
Description
ACE517C is a series of low power consumption, low dropout voltage regulator with a typical dropout
voltage of 1.0V at 2A load current.
ACE517C can provide output value in the range of 1.1V~5.0V in 0.1V steps. It also can customized on
command.
Other than every voltage version can be used as an adjustable voltage version, with which desired
voltage can be achieved by setting the values of two external resistors of the application circuitry.
ACE517C has well load transient response and good temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy within±2%.
ACE517C series is available in standard packages ofSOT-223 and TO-252
Features
Low Power Consumption:2.0uA (Typ.)
Maximum output current : 2A
Maximum input voltage: 18V
Line regulation: 0.2% (Typical)
Output Voltage Range:1.1V~5.0V (customized on command in 0.1V steps)
Highly Accurate:±2%(±1% customized)
Typical Dropout Voltage:850mV@1.5A (Vout=3.3V)
Operation environment Temperature: -40 ~85℃
Applications
Battery Charger
Battery Powered equipment
Post Regulators for Switching Supplies
Reference Voltage Source Regulation after Switching Power
Absolute Maximum Rating
Parameter
Value
Max Input Voltage
20V
Operating Junction Temperature(Ta)
125℃
Ambient Temperature(Ta)
-40~85℃
Package Thermal Resistance
SOT-223
20℃/W
TO-252
20℃/W
Storage Temperature(Ts)
- 40 to 150℃
Lead Temperature & Time
260℃,10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE517C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
ACE5172C ACE-ACE5172C Datasheet
199Kb / 3P
2A Low Consumption Linear Regulator
VER 1.4
ACE5175X ACE-ACE5175X Datasheet
255Kb / 4P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5175XBNH ACE-ACE5175XBNH Datasheet
255Kb / 4P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5176X ACE-ACE5176X Datasheet
192Kb / 3P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
More results

Similar Description - ACE517C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
200mA Low Consumption Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
300mA Low Consumption Linear Regulator
VER 1.3
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8072 BELLING-BL8072 Datasheet
1,005Kb / 7P
2A Low Consumption Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM6119 HMSEMI-HM6119 Datasheet
1Mb / 7P
2A Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE5172C ACE-ACE5172C Datasheet
199Kb / 3P
2A Low Consumption Linear Regulator
VER 1.4
logo
AiT Semiconductor Inc.
A6120 AITSEMI-A6120 Datasheet
548Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com