| Electronic Components Datasheet Search |
|
MT8931C Datasheet(PDF) 21 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT8931C Datasheet(HTML) 21 Page - Mitel Networks Corporation |
|
21 / 40 page ![]() MT8931C 9-91 Table 11. HDLC Address Recognition Register 1 (Read/Write Add. 00110 B) Table 12. HDLC Address Recognition Register 2 (Read/Write Add. 00111 B) Table 13. NT Mode C-channel Control Register(2) (Write Add. 01000 B and B0 = 0) Note 1: Allow one ST-BUS frame to input the C-channel and one ST-BUS frame to establish the connection. Note 2: The C-channel Control Register is updated once every ST-BUS frame. Therefore, this register should not be written to more than once per frame, otherwise, the last access will override previous ones. BIT NAME DESCRIPTION B7-B2 R1A7-R1A2 A six bit mask used to interrogate the first byte of the received address (where B7 is MSB). If address recognition is enabled, any packet failing the address comparison will not be stored in the Rx FIFO. B1 NA Not applicable to address recognition. B0 A1En If ’0’, the first byte of the address field will not be used during address recognition. If ’1’ and the address recognition is enabled, the six most significant bits of the first address byte will be compared with the first six bits of this register. BIT NAME DESCRIPTION B7-B1 R2A7-R2A1 A seven bit mask used to interrogate the second byte of the received address (where B7 is MSB). If address recognition is enabled, any packet failing the address comparison will not be stored in the Rx FIFO. This mask is ignored if the address is a Broadcast (i.e., R2A = 1111111). B0 A2En If ’0’, the second byte of the address field will not be used during address recognition. If ’1’ and the address recognition is enabled, the seven most significant bits of the second address byte will be compared with the first seven bits of this register. BIT NAME DESCRIPTION B7 AR Setting this bit will initiate the activation of the S-Bus. If ’0’, the device will remain in the present state. B6 DR Setting this bit will initiate the deactivation of the S-Bus. If ’0’, the device will remain in the present state. This bit has priority over AR. B5 DinB If ’1’, the D-channel will be placed in the B1 timeslot allocating 64 kbit/s to the D-channel.(1) If ’0’, the D-channel will assume its position with a 16 kbit/s bandwidth.(1) B4 Timing A ’0’ will set the NT in a short passive bus configuration using a fixed timing source (no compensation for line length). A ’1’ will set the NT in a point-to-point or extended passive bus configuration with adaptive timing compensation. B3 M/S This bit represents the state of the transmitted M/S-bit. M when HALF=0 and S when HALF=1. B2 HALF The state of this bit identifies which half of the frame will be transmitted on the S-Bus. The operation of this signal is similar to that of the HALF pin. B1 TxMFR A ’1’ in this bit, while HALF = 0, will force the transmission of a multiframe sequence in the Fa and N bits, i.e., Fa=1 and N=0. A ‘0’ will resume normal operation, i.e., Fa=0 and N=1. B0 RegSel If the register select bit is set to ’1’, the control register is redefined as the diagnostic register. A ’0’ give access to the control register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |