Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT9094AP Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9094AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9094AP Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9094AP Datasheet HTML 17Page - Mitel Networks Corporation MT9094AP Datasheet HTML 18Page - Mitel Networks Corporation MT9094AP Datasheet HTML 19Page - Mitel Networks Corporation MT9094AP Datasheet HTML 20Page - Mitel Networks Corporation MT9094AP Datasheet HTML 21Page - Mitel Networks Corporation MT9094AP Datasheet HTML 22Page - Mitel Networks Corporation MT9094AP Datasheet HTML 23Page - Mitel Networks Corporation MT9094AP Datasheet HTML 24Page - Mitel Networks Corporation MT9094AP Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MT9094
7-65
Figure 8 - Application Circuit - single-ended audio input
R
+
–
VBias
T
+5V
1
µF
1K
330
Ω
10
µF
Electret
Microphone
R
+
–
VBias
T
+5V
1
µF
1K
330
Ω
10
µF
Electret
Microphone
+
+
+
+
0.1
µF
0.1
µF
VBias
+5V
DSTi
DSTo
C4i
F0i
654321
44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
18 19
20 21
22 23 24 25 26
27 28
LCD
ST-BUS
Port
to
Transmission
Device
Serial
Microport
INTEL
MCS-51
SCLK
DATA2
DATA1
CS
WD
MT9094
75
Ω
+5V
.1
µF
LCD
75
Ω
1000pF
1000pF
40
Ω nom.
32
Ω min.
150
Ω
1000pF caps
are optional
+
Note: Single-ended configurations reduce
dynamic range by a factor of two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com