Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT9126 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9126
Description  CMOS Quad ADPCM Transcoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9126 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9126 Datasheet HTML 14Page - Mitel Networks Corporation MT9126 Datasheet HTML 15Page - Mitel Networks Corporation MT9126 Datasheet HTML 16Page - Mitel Networks Corporation MT9126 Datasheet HTML 17Page - Mitel Networks Corporation MT9126 Datasheet HTML 18Page - Mitel Networks Corporation MT9126 Datasheet HTML 19Page - Mitel Networks Corporation MT9126 Datasheet HTML 20Page - Mitel Networks Corporation MT9126 Datasheet HTML 21Page - Mitel Networks Corporation MT9126 Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Preliminary Information
MT9126
8-53
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 16 - SSI Mode Select Set-up and Hold Timing
Figure 17 - ST-BUS Mode Select Set-up and Hold Timing
AC Electrical Characteristics† - Mode Select Timing (see Figures 16 & 17)
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ†
Max
Units
Test Conditions
1
Mode Select Setup
tSU
500
ns
MCLK=4096 kHz
2
Mode Select Hold
tHOLD
500
ns
t
SU
t
HOLD
ENB1 (input)
MS1
to
MS6
VIH
VIL
VIH
t
SU
t
HOLD
MS1
to
MS6
MCLK
F0i
Refer to Figure 14 for ST-BUS F0i timing.
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com