Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WSU240-0500-R Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # WSU240-0500-R
Description  Wall Plug - Ins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

WSU240-0500-R Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  WSU240-0500-R Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wall Plug - Ins
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
WSU240-0500-R
Electrical Specifications (@25C)
1. Input Voltage rating: 100-240VAC, 50-60Hz
2. Input Voltage range: 90-264VAC
3. Input current: 0.233A(RMS) @ 115VAC
4. Max Inrush Current: 35A @ 115VAC (Cold start)
5. Output Voltage: 24VDC
6. Output Current: .5A
7. Regulation (line & load): ±0.6%
8. Ripple: 17mVpk-pk Typ., 150mVpk-pk Max
9. No load power (stand by): 0.220W Typ., 0.3W Max
10. Average Efficiency: 78.6% Typ. Meets minimum level V efficiency.
Environmental Specifications
1. Operating Temperature Range: 0°C to +40° C @ full load
2. Storage Temperature Range: -20°C to 60°C
3. Humidity: 5% to 95%, Non-condensing
Reliability Specifications
1. Leakage Current: <0.25mA (264VAC)
2. Dielectric Strength (Hi-pot): 4242VDC/3secs., 5mA Max
3. Warranty: 5 years
Mechanical Parameters
Case Type: Thermoplastic molded enclosure.
Output Cord: 24 AWG, 6 Ft. Long Min.
Safety & EMI
UL/CUL: File E345519, UL 60950 Class II, Double Insulated
EMI standard: FCC part 15 class B
Over voltage and short circuit protected
EISA 2007/CEC Compliance: This power supply meets the minimum
efficiency requirements per Department of Energy and California Energy
Commission.
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please
contact Triad Magnetics’ website for the most current version.
E345519
RoHS
2002/95/EC
V


Similar Part No. - WSU240-0500-R

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSU240-0500-13 TRIAD-WSU240-0500-13 Datasheet
281Kb / 1P
Wall Plug - Ins
More results

Similar Description - WSU240-0500-R

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSU045-3000-R TRIAD-WSU045-3000-R Datasheet
150Kb / 1P
Wall Plug - Ins
WSU060-3000 TRIAD-WSU060-3000 Datasheet
148Kb / 1P
Wall Plug - Ins
WAU12-2000 TRIAD-WAU12-2000 Datasheet
104Kb / 1P
Wall Plug - Ins
WAU16-1000 TRIAD-WAU16-1000 Datasheet
40Kb / 1P
Wall Plug - Ins
WAU20-200 TRIAD-WAU20-200 Datasheet
104Kb / 1P
Wall Plug - Ins
WAU24-200 TRIAD-WAU24-200 Datasheet
161Kb / 1P
Wall Plug - Ins
WSU180-1000-R TRIAD-WSU180-1000-R Datasheet
150Kb / 1P
Wall Plug - Ins
WSU180-1330-R TRIAD-WSU180-1330-R Datasheet
84Kb / 1P
Wall Plug - Ins
WSU240-0750 TRIAD-WSU240-0750 Datasheet
160Kb / 1P
Wall Plug - Ins
WSU240-1000-R TRIAD-WSU240-1000-R Datasheet
84Kb / 1P
Wall Plug - Ins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com