Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDSP16116AMCGGDR Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PDSP16116AMCGGDR
Description  16 X 16 Bit Complex Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116AMCGGDR Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PDSP16116AMCGGDR Datasheet HTML 1Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 2Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 3Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 4Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 5Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 6Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 8Page - Mitel Networks Corporation PDSP16116AMCGGDR Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Supersedes October 1996 version, DS3707 - 4.2
DS3707 - 5.3 October 1997
PDSP16116
16 X 16 Bit Complex Multiplier
FEATURES
I Complex Number (16116)3(16116) Multiplication
I Full 32-bit Result
I 20MHz Clock Rate
I Block Floating Point FFT Butterfly Support
I (21)3(21) Trap
I Two’s Complement Fractional Arithmetic
I TTL Compatible I/O
I Complex Conjugation
I 2 Cycle Fall Through
I 144-pin PGA or QFP packages
APPLICATIONS
I Fast Fourier Transforms
I Digital Filtering
I Radar and Sonar Processing
I Instrumentation
I Image Processing
ORDERING INFORMATION
PDSP16116 MC GGDR
10MHz MIL-883 screened
PDSP16116A B0 AC
20MHz Industrial
PDSP16116A A0 AC
20MHz Military
PDSP16116A B0 GG
20MHz Industrial
PDSP16116A MC GGDR 20MHz MIL-883 screened
PDSP16116B B0 AC
25MHz Industrial
PDSP16116D B0 GG
31·5MHz Industrial
ASSOCIATED PRODUCTS
PDSP16318/A Complex Accumulator
PDSP16112/A (16116)3(12112) Complex Multiplier
PDSP16330/A Pythagoras Processor
PDSP1601/A
ALU and Barrel Shifter
PDSP16350
Precision Digital Modulator
PDSP16256
Programmable FIR Filter
PDSP16510
Single Chip FFT Processor
Fig. 1 Simplified block diagram
PR15:0
ADD/SUB
REG
MULT
REG
REG
MULT
REG
REG
MULT
REG
REG
MULT
REG
ADD/SUB
SHIFT
REG
SHIFT
REG
PI15:0
XR15:0
XI15:0
YR15:0
YI15:0
The PDSP16116 contains four 16316 array multipliers, two
32-bit adder/subtractors and all the control logic required to sup-
port Block Floating Point Arithmetic as used in FFT applications.
The PDSP16116A variant will multiply two complex (16116)
bit words every 50ns and can be configured to output the com-
plete complex (32132) bit result within a single cycle. The data
format is fractional two’s complement.
In combination with a PDSP16318A, the PDSP16116A forms
a two-chip 20MHz complex multiplier accumulator with 20-bit
accumulator registers and output shifters. The PDSP16116A in
combination with two PDSP16318As and two PDSP1601As
forms a complete 20MHz Radix 2 DIT FFT butterfly solution
which fully supports block floating point arithmetic. The
PDSP16116 has an extremely high throughput that is suited to
recursive algorithms as all calculations are performed with a
single pipeline delay (two cycle fall-through).


Similar Part No. - PDSP16116AMCGGDR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16116AMCGC1R ZARLINK-PDSP16116AMCGC1R Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
More results

Similar Description - PDSP16116AMCGGDR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
April 1997
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
April 1997
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
PDSP16116 ZARLINK-PDSP16116 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com