Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP435ADGST Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP435ADGST Datasheet HTML 23Page - Texas Instruments TMP435ADGST Datasheet HTML 24Page - Texas Instruments TMP435ADGST Datasheet HTML 25Page - Texas Instruments TMP435ADGST Datasheet HTML 26Page - Texas Instruments TMP435ADGST Datasheet HTML 27Page - Texas Instruments TMP435ADGST Datasheet HTML 28Page - Texas Instruments TMP435ADGST Datasheet HTML 29Page - Texas Instruments TMP435ADGST Datasheet HTML 30Page - Texas Instruments TMP435ADGST Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
V+
DXP
DXN
GND
GroundorV+layer
onbottomand/or
top,ifpossible.
1
10
2
3
4
8
7
6
5
9
TMP435
0.1 FCapacitor
m
PCBVia
PCBVia
V+
GND
DXP
A0
DXN
A1
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
Layout Considerations
temperature offset readings as a result of leakage
paths between DXP or DXN and GND, or
Remote
temperature
sensing
on
the
TMP435
between DXP or DXN and V+.
measures
very
small
voltages
using
very
low
currents; therefore, noise at the IC inputs must be
minimized. Most applications using the TMP435 have
high digital content, with several clocks and logic
level transitions creating a noisy environment. Layout
should adhere to the following guidelines:
1. Place the TMP435 as close to the remote
junction sensor as possible.
2. Route the DXP and DXN traces next to each
other and shield them from adjacent signals
through the use of ground guard traces, as
shown in Figure 21. If a multilayer PCB is used,
bury these traces between ground or VDD planes
to shield them from extrinsic noise sources. 5 mil
(0,127 mm) PCB traces are recommended.
3. Minimize
additional
thermocouple
junctions
caused by copper-to-solder connections. If these
junctions are used, make the same number and
Note:
Use 5mil (.005in, or 0,127mm) traces with
approximate
locations
of
copper-to-solder
5mil spacing.
connections
in
both
the
DXP
and
DXN
connections to cancel any thermocouple effects.
Figure 21. Example Signal Traces
4. Use a 0.1mF local bypass capacitor directly
between the V+ and GND of the TMP435.
Figure 22 shows the suggested bypass capacitor
placement
for
the
TMP435.
Minimize
filter
capacitance between DXP and DXN to 2200pF or
less for optimum measurement performance. This
capacitance
includes
any
cable
capacitance
between the remote temperature sensor and
TMP435.
5. If
the
connection
between
the
remote
temperature sensor and the TMP435 is less than
8 inches (20,32 cm), use a twisted-wire pair
connection. Beyond 8 inches, use a twisted,
shielded pair with the shield grounded as close to
the TMP435 as possible. Leave the remote
sensor connection end of the shield wire open to
Figure 22. Suggested Bypass Capacitor
avoid ground loops and 60Hz pickup.
Placement
6. Thoroughly clean and remove all flux residue in
and around the pins of the TMP435 to avoid
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com