Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3LN01SS Datasheet(PDF) 4 Page - ON Semiconductor

Part # 3LN01SS
Description  N-Channel Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3LN01SS Datasheet(HTML) 4 Page - ON Semiconductor

  3LN01SS Datasheet HTML 1Page - ON Semiconductor 3LN01SS Datasheet HTML 2Page - ON Semiconductor 3LN01SS Datasheet HTML 3Page - ON Semiconductor 3LN01SS Datasheet HTML 4Page - ON Semiconductor 3LN01SS Datasheet HTML 5Page - ON Semiconductor 3LN01SS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3LN01SS
No.6546-4/6
0.01
0.6
0.5
0.8
0.7
0.9
1.0
1.1
1.2
0.1
1.0
7
5
3
2
7
5
3
2
VGS=0V
0.01
10
0.1
23
5
7
2
1000
100
7
5
3
2
7
5
3
2
VDD=15V
VGS=4V
td(on)
tr
tf
td(off)
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain Current, ID -- A
SW Time -- ID
IT00037
IT00038
PD -- Ta
IT01964
Ambient Temperature, Ta --
°C
0
20
40
60
100
120
140
0
80
0.1
0.15
0.2
0.05
160
0
2
4
6
8
10
12
14
16
18
20
1.0
10
7
5
3
2
7
5
3
2
100
Ciss
Coss
Crss
f=1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
5
6
7
8
9
10
VDS=10V
ID=150mA
VGS -- Qg
Drain to Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT00039
IT00040
Total Gate Charge, Qg -- nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com