Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8782 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8782
Description  1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8782 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8782 Datasheet HTML 1Page - Mitel Networks Corporation SP8782 Datasheet HTML 2Page - Mitel Networks Corporation SP8782 Datasheet HTML 3Page - Mitel Networks Corporation SP8782 Datasheet HTML 4Page - Mitel Networks Corporation SP8782 Datasheet HTML 5Page - Mitel Networks Corporation SP8782 Datasheet HTML 6Page - Mitel Networks Corporation SP8782 Datasheet HTML 7Page - Mitel Networks Corporation SP8782 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SP8782A & B
DON’T CARE
8 (16)
tr
tr
8 (16)
9 (17)
CLOCK INPUT
MODULUS
CONTROL INPUT
OUTPUT
DON’T CARE
8 (16)
DIVIDE-BY-17 (33) MODE
ESTABLISHED
EXTRA
PULSE
Fig. 3a Setting divide-by-16 (32) mode
DON’T CARE
9 (17)
ts
ts
8 (16)
8 (16)
CLOCK INPUT
MODULUS
CONTROL INPUT
OUTPUT
DON’T CARE
8 (16)
DIVIDE-BY-16 (32) MODE
ESTABLISHED
Figure 3 Timing diagrams
Table 1 Truth table for control inputs
Modulus control
Ratio select input
input
01
0
÷17
÷33
1
÷16
÷32
Figure 3b Setting divide - by - 17 (33 mode)
Figure 3a Setting divide - by - 16 (32 mode)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com