Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8853BHC Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8853BHC
Description  1쨌3GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8853BHC Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8853BHC Datasheet HTML 1Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 2Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 3Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 4Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 5Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 6Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 7Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 8Page - Mitel Networks Corporation SP8853BHC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SP8853A/B
tS1tCH
2V
tS
tCH
tCL
tREP
2V
2V
tE
LAST DATA BIT
FIRST DATA BIT
DATA
CLOCK
ENABLE
tREP = 1µs min., tS = 50ns min., tCH = 50ns min., tCL = 100ns min., tE = 50ns min.
FREQUENCY (MHz)
400
350
300
250
200
150
100
50
0
0
25
500
650
750
1000
1300
1500
150
80
GUARANTEED
OPERATING
WINDOW
416/17 MODE
GUARANTEED
OPERATING
WINDOW
48/9 MODE
TYPICAL OVERLOAD
TYPICAL SENSITIVITY
Fig. 4 Typical input characteristics and input drive requirements for SP8853 A and B
Fig. 5 Data and clock timing requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com