Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA201N Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BA201N
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BA201N Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BA201N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BA201N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BA201N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/4
Gas
`
Sm
C
L
Fa
R
M
Ele
R
Ap
Fea
Age
Op
1) A
2)
3)
4
www.be
s Discharge
mall Size Des
Current Handl
ow Capacitan
ast Response
Reliable to Pro
Moisture sensi
ctrical Para
RS485/232/4
plication in
atures
ency Appro
DC Breakd
Impulse S
Impulse Di
Ar
Insulat
Capacit
perating
And
M
At delivery A
In ionized mo
Terms and w
Icon
encent.com
e Tube
sign EIA 181
ling Capabilit
nce and Inser
e and Long Se
otect Electros
itivity level
ameter
22
nformation
ovals
down Voltage
park-over Vo
ischarge Curr
rc Voltage
tion Resistanc
tance at 1 MH
Weight
d Storage Te
Marking
AQL 0.65 leve
ode
waveforms in a
Comp
Complian
Compliance w
m.cn
12 4.5×3.2×2
ty 1,000A @
rtion Loss
ervice Life
static Surge
Level 1
e 1)2)
oltage
rent 3)
ce
Hz
mperature
el II GB/T 28
accordance w
Description
pliance with 201
nce with IEC612
Mean lead fre
ith UL497B, Ce
.7mm
8/20 s
μ
100V/
At 1kV/
At 1kV/
8/20μ
At 1A
DC=10
VDC=0.
828.1-2003
with ITU-T R
n
1/65/EU
249-2-21:2003
ee
rtificated E2322
Customers sho
Sc
Pa
Ex
/s
/μs
for
/μs
Typ
μ
s
A
0V
5V
ec. K. 12; IEC
49
S
uld verify actua
chematic Sy
ackage (Top
xterior
99 % of mea
pical values o
C 61643-21
Specifications a
al device perfor
ymbol
p View)
SM
1
1
140-260
asured values
of distribution
1,000
~8
≥1
≤1.0
~0.20
-40-90
Without
are subject to ch
rmance in their
Order C
Versi
MD
 750
n  700
BA20
hange without n
specific applic
Code: BA2
ion: A0 2013
2
2
V
V
V
A
V
GΩ
pF
g
01N
notice.
ations
201N
-09-17
V
V
V
A
V
F
g


Similar Part No. - BA201N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
BA201 FUJI-BA201 Datasheet
8Kb / 1P
FAST RECOVERY DIODE
logo
List of Unclassifed Man...
BA201 ETC-BA201 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
More results

Similar Description - BA201N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com