Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95213CISDX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM95213CISDX/NOPB
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213CISDX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM95213CISDX/NOPB Datasheet HTML 1Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 2Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 3Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 4Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM95213CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
3.0V-3.6V
LM95213
Local
Diode Selector
'-6 Converter
11-Bit or
10-Bit Plus Sign
Remote
10-bit Plus Sign
Local
Temperature
Sensor
Circuitry
Local
Temperature
Registers
Limit, Status
and
Mask
Registers
Remote 1
Digital Filter
Remote 1
Temperature
Registers
Remote 1 Offset
Register
SMBus
Interface
Remote 2
Digital Filter
Remote 2
Temperature
Registers
Remote 2 Offset
Register
Conversion Rate
Rgister
Diode
Configuration
Registers
Control Logic
D-
Remote
Diode2
Selector
D2+
Remote
Diode1
Selector
D1+
General
Configuration
Registers
T_CRIT
Control
Logic
SMBCLK
SMBDAT
TCRIT3
TCRIT2
TCRIT1
LM95213
TCRIT3
NC
14
1
VDD
SMBCLK
2
13
NC
SMBDAT
3
12
NC
TCRIT2
4
11
D-
TCRIT1
5
10
D2+
A0
6
9
D1+
GND
7
8
LM95213
SNIS147A – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 14-Lead WSON - TOP VIEW
See NHL0014B Package
Simplified Block Diagram
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM95213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com