Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F016D-90ECB Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM29F016D-90ECB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90ECB Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM29F016D-90ECB Datasheet HTML 37Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 38Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 39Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 40Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 41Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 42Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 43Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 44Page - Advanced Micro Devices AM29F016D-90ECB Datasheet HTML 45Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
Am29F016D
44
Revision E (May 19, 2000)
Global
Changed part number to Am29F016D. This reflects the
new 0.23 µm process technology upon which this de-
vice will now be built.
The Am29F016D is compatible with the previous 0.32
µm Am29F016B device, with the exception of the sec-
tor group protect and unprotect algorithms. These algo-
rithms are provided in a seperate document. Contact
AMD for more information or to request a copy of that
document.
This data sheet will be marked preliminary until the de-
vice has been in full production for a number of months.
The -75 speed option (70 ns, ±5% VCC) has been re-
placed by a -70 speed option (70 ns, ±10 VCC).
The burn-in option is no longer available.
The device now has the Unlock Bypass Program fea-
ture.
The publication number of the document describing
sector protection/unprotection implementation is now
23922.
Revision E+1 (December 4, 2000)
Global
Added table of contents. Removed Preliminary status
from document.
Revision E+2 (March 23, 2001)
Common Flash Memory Interface (CFI)
Added section.
Table 9, Am29F016D Command Definitions
Corrected the addresses for the three-cycle unlock by-
pass command sequence. Added Note 9 and CFI
Query command to table.
Copyright © 2001 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com