Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV772QMM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772QMM/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772QMM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV772QMM/NOPB Datasheet HTML 1Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 2Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 3Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 4Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 5Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 6Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 7Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 8Page - Texas Instruments LMV772QMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
2.7V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C. V
+ = 2.7V, V − = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
0.3
0.85
LMV771
1.0
VOS
Input Offset Voltage
mV
0.3
1.0
LMV772/LMV772Q/LMV774
1.2
TCVOS
Input Offset Voltage Average Drift
−0.45
µV/°C
−0.1
100
IB
Input Bias Current (4)
VCM = 1V
pA
250
IOS
Input Offset Current (4)
0.004
100
pA
550
900
IS
Supply Current (Per Amplifier)
µA
910
74
80
CMRR
Common Mode Rejection Ratio
0.5
≤ VCM ≤ 1.2V
dB
72
82
90
dB
PSSR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
76
VCM
Input Common-Mode Voltage Range For CMRR
≥ 50dB
0
1.8
V
RL = 600Ω to 1.35V,
92
100
VO = 0.2V to 2.5V,
(6)
80
Large Signal Voltage Gain
AV
dB
(5)
RL = 2kΩ to 1.35V,
98
100
VO = 0.2V to 2.5V,
(7)
86
RL = 600Ω to 1.35V
0.11
0.084 to
2.59
VIN = ± 100mV,
(6)
0.14
2.62
2.56
VO
Output Swing
V
RL = 2kΩ to 1.35V
0.05
0.026 to
2.65
VIN = ± 100mV,
(7)
0.06
2.68
2.64
Sourcing, VO = 0V
18
24
VIN = 100mV
11
IO
Output Short Circuit Current
mA
Sinking, VO = 2.7V
18
22
VIN = −100mV
11
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Limits guaranteed by design.
(5)
RL is connected to mid-supply. The output voltage is set at 200mV from the rails. VO = GND + 0.2V and VO = V
+ −0.2V
(6)
For LMV772/LMV772Q/LMV774, temperature limits apply to
−40°C to 85°C.
(7)
For LMV772/LMV772Q/LMV774, temperature limits apply to
−40°C to 85°C. If RL is relaxed to 10 kΩ, then for
LMV772/LMV772Q/LMV774 temperature limits apply to
−40°C to 125°C.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com