Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4547IMNTWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4547IMNTWG
Description  Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4547IMNTWG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4547IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 2
1
Publication Order Number:
NCP4547/D
NCP4547
ecoSwitch
t
Advanced Load Management
Controlled Load Switch with Low RON
The NCP4547 load switch provides a component and area-reducing
solution for efficient power domain switching with inrush current
limit via soft start. It is designed to integrate control and driver
functionality with a high performance low on-resistance power
MOSFET in a single device. This cost effective solution is ideal for
power management and hot−swap applications requiring low power
consumption in a small footprint.
Features
Advanced Controller with Charge Pump
Integrated N−Channel MOSFET with ESD Protection
Soft−Start via Adjustable Slew Rate Control
Low On−Resistance
Input Voltage Range 0.5 V to 6 V
Low Standby Current
Load Bleed Function
No External Components Required
Enable Pins with CMOS Input Levels
This is a Pb−Free Device
Typical Applications
Notebook and Tablet Computers
Handheld Electronics
Digital Cameras
Portable Medical Devices
Hard Drives
Peripheral Ports
Figure 1. Typical Application − No external components included
Bandgap
&
Biases
Charge
Pump
RC
Oscillator
Delay and
Slew Rate
Control
Controller
0.5 V − 6 V
Load
3 V − 5.5 V
QFN26, 4x4
CASE 485BP
MARKING
DIAGRAM
NCP
4547
ALYW
G
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
NCP4547IMNTWG
QFN26
(Pb−Free)
3000 /
Tape & Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
RON TYP
VCC
IMAX
4.7 mW
5.0 V
21.5 A
3.3 V
5.7 mW
VIN
1.8 V
5.0 V
1


Similar Part No. - NCP4547IMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
Advanced Load Management
January, 2012 ??Rev. 4
NCP4543 ONSEMI-NCP4543 Datasheet
207Kb / 10P
Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4543IMN5RG-A ONSEMI-NCP4543IMN5RG-A Datasheet
207Kb / 10P
Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4543 ONSEMI-NCP4543_16 Datasheet
207Kb / 10P
Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4545 ONSEMI-NCP4545 Datasheet
246Kb / 10P
ecoSwitch Advanced Load Management
January, 2012 ??Rev. 1
More results

Similar Description - NCP4547IMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
Advanced Load Management
January, 2012 ??Rev. 4
NCP45522 ONSEMI-NCP45522 Datasheet
107Kb / 10P
Advanced Load Management
September, 2014 ??Rev. 1
NCP45526 ONSEMI-NCP45526 Datasheet
91Kb / 9P
Advanced Load Management
September, 2014 ??Rev. 2
NCP45540 ONSEMI-NCP45540 Datasheet
127Kb / 13P
Advanced Load Management
February, 2015 ??Rev. 3
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
Advanced Load Management
February, 2015 ??Rev. 3
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
Advanced Load Management
September, 2014 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
Advanced Load Management
September, 2014 ??Rev. 3
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
Advanced Load Management
February, 2015 ??Rev. 3
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
Advanced Load Management Products
August 2012 Rev. 1.0.6
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
Advanced Load Management Products
October 2008 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com