Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJM2871AF Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2871AF
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2871AF Datasheet(HTML) 2 Page - New Japan Radio

  NJM2871AF Datasheet HTML 1Page - New Japan Radio NJM2871AF Datasheet HTML 2Page - New Japan Radio NJM2871AF Datasheet HTML 3Page - New Japan Radio NJM2871AF Datasheet HTML 4Page - New Japan Radio NJM2871AF Datasheet HTML 5Page - New Japan Radio NJM2871AF Datasheet HTML 6Page - New Japan Radio NJM2871AF Datasheet HTML 7Page - New Japan Radio NJM2871AF Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM2871/A, NJM2872/A
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(note 1)
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
−40 ∼ +85
°C
Storage Temperature
Tstg
−40 ∼ +125
°C
(note 1) When input voltage is less than +14V, the absolute maximum
control voltage is equal to the input voltage.
s ELECTRICAL CHARACTERISTICS
(Vo>2.0V version :
VIN=Vo+1V, CIN=0.1
µF, Co=1.0uF: Vo≥2.7V (Co=2.2uF: Vo≤2.6V), Cp=0.01µF, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Io=30mA
-2%
−
+2%
V
Output Voltage
Vo
Io=30mA, A Version
-1%
−
+1%
V
Quiescent Current
IQ
Io=0mA, expect Icont
−
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
−
−
100
nA
Output Current
Io
Vo
−0.3V
150
200
-
mA
Line Regulation
∆Vo/∆V
IN
VIN=Vo+1V
∼ Vo+6V, Io=30mA
−
−
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 100mA
−
−
0.03
%/mA
Dropout Voltage
∆V
I
−O
Io=60mA
−
0.10
0.18
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz, Io=10mA
VIN=Vo+1V, Vo=3V Version
−
70
−
dB
Average Temperature
Coefficient of Output Voltage
∆Vo/∆Ta
Ta=0
∼85°C, Io=10mA,
Vo=3V Version
−
0.2
−
mV/
°C
Output Noise Voltage
VNO
f=10Hz
∼80kHz, Io=10mA,
Vo=3V Version
−
30
−
µVrms
Control Voltage for ON-state
VCONT(ON)
1.6
−
−
V
Control Voltage for OFF-state VCONT(OFF)
−
−
0.6
V
(Vo
≤2.0V version : V
IN=Vo+1V, CIN=0.1
µF, Co=4.7uF, Cp=0.01µF, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Io=30mA
-2%
−
+2%
V
Output Voltage
Vo
Io=30mA, A Version
-1%
−
+1%
V
Quiescent Current
IQ
Io=0mA, expect Icont
−
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
−
−
100
nA
Output Current
Io
Vo
−0.3V
150
200
-
mA
Line Regulation
∆Vo/∆V
IN
VIN=Vo+1V
∼ Vo+6V, Io=30mA
−
−
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 100mA
−
−
0.03
%/mA
Ripple Rejection
RR
ein=200mVrms,f=1kHz, Io=10mA
VIN=Vo+1V, Vo=1.8V Version
−
75
−
dB
Average Temperature
Coefficient of Output Voltage
∆Vo/∆Ta
Ta=0
∼85°C, Io=10mA,
Vo=1.8V Version
−
0.13
−
mV/
°C
Output Noise Voltage
VNO
f=10Hz
∼80kHz, Io=10mA,
Vo=1.8V Version
−
22
−
µVrms
Control Voltage for ON-state
VCONT(ON)
1.6
−
−
V
Control Voltage for OFF-state VCONT(OFF)
−
−
0.6
V
(note 2) The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com