Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL-S24M-24PK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL-S24M-24PK-R1
Description  Factory filled with coolant, then sealed and pressure tested - requires zero maintenance for years.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-S24M-24PK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL-S24M-24PK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-S24M-24PK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Factory filled with coolant, then sealed
and pressure tested - requires zero
maintenance for years.
Waterblock made with UltraFine Micro
Channel enlarge the contact surface
between cold plate and coolant.
Durable and powerful water pump –
dissipates heat effectively and maintains
temperatures through stable water
circulation.
Performance 240mm radiator is designed
for handling high wattage overclocked
CPU.
Double 120mm PWM fan with a wide RPM
range to fine tune and balance fan noise
and performance.
The Seidon 240 is Cooler Master’s latest, incredibly
compact watercooling kit that aims to bring
watercooling to the masses. It comes factory filled,
sealed and tested with a two year zero maintenance
guarantee. The performance 240mm radiator is
designed for dissipating huge heat from overclocked
CPU. Thanks to a 120mm PWM fan with a wide RPM
range Seidon can operate silently or unleash a powerful
cooling storm at your command.
CPU Socket
Intel LGA 2011 / 1366 / 1156 / 1155 /
1150 / 775
AMD Socket FM2 / FM1 / AM3+ / AM3 /
AM2+ / AM2
Main System Dimensions
Ø 70 x 27mm (Ø 2.75 x 1.1 inch)
Radiator Dimensions
273 x 120 x 27 mm (10.7 x 4.7 x 1.1 inch)
Radiator Material
Aluminum
Fan Dimensions
120 x 120 x 25 mm (4.7 x 4.7 x 1 in)
Fan Speed
600~2400 RPM (PWM) ± 10%
Fan Air Flow
19.17 ~ 86.15 CFM ± 10%
Fan Air Pressure
0.31 ~ 4.16 mm H2O ± 10%
Fan Life Expectancy
40,000 hours
Fan Noise Level
19 ~ 40 dBA
Fan Bearing Type
Rifle bearing
Fan Connector
4-Pin
Fan Rated Voltage
12 VDC
Fan Rated Current
0.2 A
Fan Power Consumption
3.6 W
Pump Life Expectancy
70,000 hrs
Pump Noise Level
<25 dBA
Pump Connector
3-Pin
Pump Rated Voltage
12 VDC
Pump Load Current
0.15 A
Pump Power
Consumption
1.8W
EAN Code
4719512040805
UPC Code
884102020049
Package Dimensions
328*283*140mm
(12.9*11.1*5.5 in)
Carton Dimensions
586*344*305mm
(23.1*13.5*12 in)
Unit / Carton
4
Carton / Pallet
34
Seidon 240M
RL-S24M-24PK-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RL-S24M-24PK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-S12P-20PB-R1 ETC2-RL-S12P-20PB-R1 Datasheet
373Kb / 2P
Blue LED indicator lights up when it is operating.
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
Blue LED indicator lights up when operating.
RL-S12X-24PK-R1 ETC2-RL-S12X-24PK-R1 Datasheet
320Kb / 2P
Closed loop design - requires zero maintenance for years.
logo
Hatch Lighting.
RL-SERIES HATCH-RL-SERIES Datasheet
215Kb / 1P
RL LED SERIES
08/09/2022
More results

Similar Description - RL-S24M-24PK-R1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
Maintenance and control device
2001 Jan 17
logo
Extech Instruments Corp...
RF40 EXTECH-RF40 Datasheet
81Kb / 1P
Battery/Coolant Refractometer with ATC
logo
B. B. Battery Co., Ltd.
EP33-12 BB-BATTERY-EP33-12 Datasheet
363Kb / 2P
Maintenance-Free Rechargeable Sealed Lead-Acid Battery
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401_11 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
logo
List of Unclassifed Man...
CA1884 ETC2-CA1884 Datasheet
1Mb / 4P
For maintenance and building inspections, RayCAm sees everything!
07010 ETC2-07010 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
RL-S12X-24PK-R1 ETC2-RL-S12X-24PK-R1 Datasheet
320Kb / 2P
Closed loop design - requires zero maintenance for years.
logo
B. B. Battery Co., Ltd.
BP6.5-12RT BB-BATTERY-BP6.5-12RT Datasheet
1Mb / 2P
Maintenance-Free Rechargeable Sealed Lead-Acid Battery
logo
TE Connectivity Ltd
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
Application and Maintenance for Crimping Die Assemblies
logo
EXCEL CELL ELECTRONIC C...
ELK32400 ECE-ELK32400 Datasheet
196Kb / 3P
ZERO INSERTION PRESSURE SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com