Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F016D-70E4IB Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F016D-70E4IB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-70E4IB Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F016D-70E4IB Datasheet HTML 4Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 5Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 6Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 7Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 8Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 9Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 10Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 11Page - Advanced Micro Devices AM29F016D-70E4IB Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Am29F016D
7
CONNECTION DIAGRAMS
This device is also available in Known Good Die (KGD) form. Refer to publication number 21551 for
more information.
PIN CONFIGURATION
A0–A20
=
21 Addresses
DQ0–DQ7 =
8 Data Inputs/Outputs
CE#
=
Chip Enable
WE#
=
Write Enable
OE#
=
Output Enable
RESET#
=
Hardware Reset Pin, Active Low
RY/BY#
=
Ready/Busy Output
VCC
=
+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
VSS
=
Device Ground
NC
=
Pin Not Connected Internally
LOGIC SYMBOL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
RESET#
A11
A10
A9
A8
A7
A6
A5
A4
NC
NC
A3
A2
A1
A0
DQ0
DQ1
DQ2
DQ3
VSS
VSS
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VCC
CE#
A12
A13
A14
A15
A16
A17
A18
A19
NC
NC
A20
NC
WE#
OE#
RY/BY#
DQ7
DQ6
DQ5
DQ4
VCC
SO
21
8
DQ0–DQ7
A0–A20
CE#
OE#
WE#
RESET#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com