Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RR-T4-18PK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-T4-18PK-R1
Description  120mm wide range PWM fan, RPM can be fine tuned for maximum airflow or whisper quiet operation.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-T4-18PK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-T4-18PK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-T4-18PK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Direct Contact heatpipes for seamless contact
between cooler and CPU.
120mm wide range PWM fan, RPM can be fine tuned
for maximum airflow or whisper quiet operation.
Snap-On fan brackets to quickly and easily install,
remove, clean or replace the fan or heatsink.
Versatile all-in-one mounting solution supporting the
Intel® LGA 2011/1366/1156/1155/775 and AMD
FM2+/FM2/FM1/AM3+/AM3 /AM2
The Cooler Master Hyper T4 is an affordable
mainstream Heatsink delivering great cooling
performance on all modern platforms thanks to its 4
specially shaped direct touch Heatpipes. The T4’s
120mm PWM fan features a wide fan speed range and
can be fine tuned for maximum airflow and cooling
performance or silent operation. Thanks to this
flexibility, a quick and easy snap-on fan bracket and a
universal mounting system the Hyper T4 is a great
match for any system.
CPU Socket
Intel®
LGA 2011/1366/1156/1155/1150/775
AMD FM2+/FM2/FM1/AM3+/AM3 /AM2
Dimensions
131.6 x 72.5 x 152.3 mm (5.2 x 2.9 x 6 in)
Heat Sink Dimensions
128 x 44 x 152.3 mm (5 x 1.7 x 6 in)
Heat Sink Material
4 Direct Contact Heatpipes / Aluminum Fins
Heat Sink Weight
448 g / 1 lb
Heat Pipe Dimensions
Ø 6mm
Fan Dimensions
120 x 120 x 25 mm (4.7 x 4.7 x 1 in)
Fan Speed
600~1800 RPM (PWM) ± 10%
Fan Air Flow
24~70 CFM ± 10%
Fan Air Pressure
0.3~2.14 mm H2O ± 10%
Fan Life Expectancy
40,000 hours
Noise Level
15.1~31.6 dBA
Bearing Type
Rifle bearing
Connector
4-Pin
Rated Voltage
12 VDC
Rated Current
0.2A**
Power Consumption
2.64 W
Fan Weight
100 g / 0.22 lb
Net Weight
650 g / 1.43 lb
Gross Weight
804 g / 1.77 lb
EAN Code
4719512038826
UPC Code
884102018206
Package Dimensions
163 x 115 x 185 mm
(6.4 x 4.5 x 7.3 in)
Carton Dimensions
506 x 246 x 392 mm
(19.9 x 9.7 x 15.4 in)
Unit / Carton
12
Carton / Pallet
40
Hyper T4
RR-T4-18PK-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RR-T4-18PK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR-T612-20PK-R1 ETC2-RR-T612-20PK-R1 Datasheet
356Kb / 2P
Soporte de montaje universal
RR-T812-24PK-R2 ETC2-RR-T812-24PK-R2 Datasheet
260Kb / 2P
Ready for overclocking, benchmarking and silent cooling.
More results

Similar Description - RR-T4-18PK-R1

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302 Datasheet
678Kb / 44P
Dual RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
Multiple RPM-Based PWM Fan Controller
EMC2305 SMSC-EMC2305 Datasheet
861Kb / 55P
Multiple RPM-Based PWM Fan Controller for Five Fans
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790 Datasheet
2Mb / 43P
6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
logo
List of Unclassifed Man...
R4-XFXS-16PK-R1 ETC2-R4-XFXS-16PK-R1 Datasheet
238Kb / 1P
Wide range PWM fan control from 500 to 1600 RPM.
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790_15 Datasheet
1Mb / 43P
6-Channel PWM-Output Fan RPM Controller
Rev 2; 1/15
logo
SMSC Corporation
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
Multiple RPM-Based PWM Fan Controller for Three Fans
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
RPM-Based PWM Fan Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com