Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RR-T812-24PK-R2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-T812-24PK-R2
Description  Ready for overclocking, benchmarking and silent cooling.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-T812-24PK-R2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-T812-24PK-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-T812-24PK-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TPC 812 uses 2 separate cooling technologies to
transfer heat – heat pipes and vertical vapor
chambers.
Ready for overclocking, benchmarking and silent
cooling.
The first-ever CPU heatsink to use vertical vapor
chamber technology.
100% pure polished copper base – combined with
improved soldering technologies for the best
thermal transfer.
Special fin design – heatsink receives concentrated
cold airflow.
Improved air pressure design and fan mounting
system.
TPC 812 is the Cooler Master Reference Cooler for
optimal Performance and is a high end cooling system
with perfect performance for overclocking and silent
cooling. TPC 812 is the first-ever CPU heatsink to use
vertical vapor chamber technology and combine it with
heatpipe technology: the synergy of both Technologies
working in tandem delivers the top cooling
performance.
CPU Socket
Intel® LGA 2011/1366/1156/1155/1150/775
AMD FM2/FM1/AM3+/AM3/AM2+/AM2
Dimensions
138 x 103 x 163mm (5.4 x 4.1 x 6.4 in)
Heat Sink Dimensions
134 x 74 x 158 mm (5.3 x 2.9 x 6.2 in)
Heat Sink Material
Copper Base / 2 Vapor Chambers
6 Heatpipes / Aluminum Fins
Heat Sink Weight
826g (1.83 lb)
Heat Pipe Dimensions
Ø6mm
Fan Dimensions
120 x 120 x 25mm (4.7 x 4.7 x 1 in)
Fan Speed
600 – 2,400 RPM (PWM) ± 10%
(1,600 RPM with Silent Mode Adapter)
Fan Air Flow
19.17 - 86.15 CFM ± 10%
(59.54 CFM @ 1600RPM)
Fan Air Pressure
0.31 – 4.16 mm H2O ± 10%
(1.99mm H2O @ 1600RPM)
Fan Life Expectancy
40,000 hrs
Noise Level
19 - 40 dBA
Bearing Type
Long Life Sleeve Bearing
Connector
4-Pin
Fan Weight
152g (0.34 lb)
Weight
1044g (2.31 lb)
EAN Code
4719512035658
UPC Code
884102015229
Package Dimensions
170 x 145 x 192 mm
(6.7 x 5.7 x 7.6 in)
Carton Dimensions
445 x 350 x 217mm
(17.5 x 13.8 x 8.5 in)
Unit / Carton
6
Carton / Pallet
54
TPC 812
RR-T812-24PK-R2
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RR-T812-24PK-R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR-T4-18PK-R1 ETC2-RR-T4-18PK-R1 Datasheet
154Kb / 2P
120mm wide range PWM fan, RPM can be fine tuned for maximum airflow or whisper quiet operation.
RR-T612-20PK-R1 ETC2-RR-T612-20PK-R1 Datasheet
356Kb / 2P
Soporte de montaje universal
More results

Similar Description - RR-T812-24PK-R2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82284 SIEMENS-SAB82284 Datasheet
353Kb / 14P
clock generator and ready interface for sab 80286 processors
logo
Intersil Corporation
82C284 INTERSIL-82C284 Datasheet
72Kb / 11P
Clock Generator and Ready Interface for 80C286 Processors
March 1997
82C284883 INTERSIL-82C284883 Datasheet
222Kb / 9P
Clock Generator and Ready Interface for 80C286 Processors
March 1997
logo
Intel Corporation
82285 INTEL-82285 Datasheet
408Kb / 7P
CLOCK GENERATOR AND READY INTERFACE FOR I/O COPROCESSORS
logo
UMC Corporation
UMC82C284 UMC-UMC82C284 Datasheet
617Kb / 7P
Clock Generator and Ready Interface
logo
C&K Components
QSA CK-COMPONENTS-QSA Datasheet
360Kb / 3P
Silent Navigation Switch for SMT
logo
STMicroelectronics
AN910 STMICROELECTRONICS-AN910 Datasheet
722Kb / 51P
ST7 AND ST9 PERFORMANCE BENCHMARKING
Rev. 2.0
logo
Abracon Corporation
ABM8AIG ABRACON-ABM8AIG Datasheet
5Mb / 4P
PPAP ready and supported
12.09.15
logo
Microchip Technology
ATA6564 MICROCHIP-ATA6564 Datasheet
1Mb / 28P
High-Speed CAN Transceiver with Silent Mode - CAN FD Ready
09/14/21
logo
Renesas Technology Corp
82C284 RENESAS-82C284 Datasheet
605Kb / 11P
Clock Generator and Ready Interface for 80C286 Processors
June 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com