Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89S51 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89S51
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S51 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89S51 Datasheet HTML 17Page - ATMEL Corporation AT89S51 Datasheet HTML 18Page - ATMEL Corporation AT89S51 Datasheet HTML 19Page - ATMEL Corporation AT89S51 Datasheet HTML 20Page - ATMEL Corporation AT89S51 Datasheet HTML 21Page - ATMEL Corporation AT89S51 Datasheet HTML 22Page - ATMEL Corporation AT89S51 Datasheet HTML 23Page - ATMEL Corporation AT89S51 Datasheet HTML 24Page - ATMEL Corporation AT89S51 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
AT89S51
2487A–10/01
AC Characteristics
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF.
External Program and Data Memory Characteristics
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
33
MHz
t
LHLL
ALE Pulse Width
127
2t
CLCL-40
ns
t
AVLL
Address Valid to ALE Low
43
t
CLCL-25
ns
tLLAX
Address Hold After ALE Low
48
tCLCL-25
ns
t
LLIV
ALE Low to Valid Instruction In
233
4t
CLCL-65
ns
t
LLPL
ALE Low to PSEN Low
43
t
CLCL-25
ns
tPLPH
PSEN Pulse Width
205
3tCLCL-45
ns
t
PLIV
PSEN Low to Valid Instruction In
145
3t
CLCL-60
ns
t
PXIX
Input Instruction Hold After PSEN
00
ns
tPXIZ
Input Instruction Float After PSEN
59
tCLCL-25
ns
t
PXAV
PSEN to Address Valid
75
t
CLCL-8
ns
t
AVIV
Address to Valid Instruction In
312
5t
CLCL-80
ns
tPLAZ
PSEN Low to Address Float
10
10
ns
t
RLRH
RD Pulse Width
400
6t
CLCL-100
ns
t
WLWH
WR Pulse Width
400
6t
CLCL-100
ns
tRLDV
RD Low to Valid Data In
252
5tCLCL-90
ns
t
RHDX
Data Hold After RD
00
ns
t
RHDZ
Data Float After RD
97
2t
CLCL-28
ns
tLLDV
ALE Low to Valid Data In
517
8tCLCL-150
ns
t
AVDV
Address to Valid Data In
585
9t
CLCL-165
ns
t
LLWL
ALE Low to RD or WR Low
200
300
3t
CLCL-50
3t
CLCL+50
ns
tAVWL
Address to RD or WR Low
203
4tCLCL-75
ns
t
QVWX
Data Valid to WR Transition
23
t
CLCL-30
ns
t
QVWH
Data Valid to WR High
433
7t
CLCL-130
ns
tWHQX
Data Hold After WR
33
tCLCL-25
ns
t
RLAZ
RD Low to Address Float
0
0
ns
t
WHLH
RD or WR High to ALE High
43
123
t
CLCL-25
t
CLCL+25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com