Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F016D-70F4IB Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29F016D-70F4IB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-70F4IB Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F016D-70F4IB Datasheet HTML 12Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 13Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 14Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 15Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 16Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 17Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 18Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 19Page - Advanced Micro Devices AM29F016D-70F4IB Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Am29F016D
15
Table 7.
Device Geometry Definition
Addresses
Data
Description
27h
15h
Device Size = 2N byte
28h
29h
00h
00h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
00h
00h
Max. number of byte in multi-byte write = 2N
(00h = not supported)
2Ch
01h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
1Fh
00h
00h
01h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
Table 8.
Primary Vendor-Specific Extended Query
Addresses
Data
Description
40h
41h
42h
50h
52h
49h
Query-unique ASCII string “PRI”
43h
31h
Major version number, ASCII
44h
31h
Minor version number, ASCII
45h
00h
Address Sensitive Unlock
0 = Required, 1 = Not Required
46h
02h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
04h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
01h
Sector Temporary Unprotect: 00 = Not Supported, 01 = Supported
49h
04h
Sector Protect/Unprotect scheme
01 = 29F040 mode, 02 = 29F016 mode,
03 = 29F400 mode, 04 = 29LV800A mode
4Ah
00h
Simultaneous Operation: 00 = Not Supported, 01 = Supported
4Bh
00h
Burst Mode Type: 00 = Not Supported, 01 = Supported
4Ch
00h
Page Mode Type: 00 = Not Supported, 01 = 4 Word Page,
02 = 8 Word Page
4Dh
00h
ACC supply minimum
4Eh
00h
ACC supply maximum
4Fh
00h
Top/bottom boot sector flag
2 = bottom, 3 = top. If address 2Ch = 01h, ignore this field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com