Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F84A-20/SO Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F84A-20/SO
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/SO Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F84A-20/SO Datasheet HTML 40Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 41Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 42Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 43Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 44Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 45Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 46Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 47Page - Microchip Technology PIC16F84A-20/SO Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
PIC16F84A
DS35007A-page 44
Preliminary
© 1998 Microchip Technology Inc.
9.2
DC CHARACTERISTICS:
PIC16LF84A-04 (Commercial, Industrial)
DC Characteristics
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Parameter
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
D001
VDD
Supply Voltage
2.0
—
5.5
V
XT, RC, and LP osc configuration
D002*
VDR
RAM Data Retention
Voltage (Note 1)
1.5*
—
—
V
Device in SLEEP mode
D003
VPOR
VDD Start Voltage to
ensure internal
Power-on Reset signal
—VSS
—
V
See section on Power-on Reset for details
D004*
D004A*
SVDD
VDD Rise Rate to
ensure internal
Power-on Reset signal
0.05*
TBD
—
—
—
—
V/ms PWRT enabled (PWRTE bit clear)
PWRT disabled (PWRTE bit set)
See section on Power-on Reset for details
D010
D010A
D014
IDD
Supply Current
(Note 2)
—
—
—
1
3
15
4
10
45
mA
mA
µA
RC and XT osc configuration (Note 4)
FOSC = 2.0 MHz, VDD = 5.5V
FOSC = 2.0 MHz, VDD = 5.5V
(During Flash programming)
LP osc configuration
FOSC = 32 kHz, VDD = 2.0V,
WDT disabled
D020
D021
D021A
IPD
Power-down Current
(Note 3)
—
—
—
3.0
0.4
0.4
16
7.0
9.0
µA
µA
µA
VDD = 2.0V, WDT enabled, industrial
VDD = 2.0V, WDT disabled, commercial
VDD = 2.0V, WDT disabled, industrial
D022*
∆IWDT
Module Differential
Current (Note 5)
Watchdog Timer
—
—
6.0
—
20*
25*
µA
µA
WDTE bit set, VDD = 4.0V, commercial
WDTE bit set, VDD = 4.0V, industrial
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1=external square wave, from rail to rail; all I/O pins tristated, pulled to VDD, T0CKI = VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3: The power down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be
estimated by the formula IR = VDD/2Rext (mA) with Rext in kOhm.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com