Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA5502PS Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SAA5502PS
Description  Standard TV Microcontrollers with On-Screen Display(OSD)
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5502PS Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SAA5502PS Datasheet HTML 38Page - NXP Semiconductors SAA5502PS Datasheet HTML 39Page - NXP Semiconductors SAA5502PS Datasheet HTML 40Page - NXP Semiconductors SAA5502PS Datasheet HTML 41Page - NXP Semiconductors SAA5502PS Datasheet HTML 42Page - NXP Semiconductors SAA5502PS Datasheet HTML 43Page - NXP Semiconductors SAA5502PS Datasheet HTML 44Page - NXP Semiconductors SAA5502PS Datasheet HTML 45Page - NXP Semiconductors SAA5502PS Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
1999 Oct 27
42
Philips Semiconductors
Preliminary specification
Standard TV microcontrollers with
On-Screen Display (OSD)
SAA55xx
18 DATA CAPTURE
The Data Capture section takes in the analog Composite
Video and Blanking Signal (CVBS), and from this extracts
the required data, which is then decoded and stored in
memory.
The extraction of the data is performed in the digital
domain. The first stage is to convert the analog CVBS
signal into a digital form. This is done using an ADC
sampling at 12 MHz. The data and clock recovery is then
performed by a Multi-Rate Video Input Processor
(MulVIP). From the recovered data and clock the following
data types are extracted: WST Teletext (625/525), VPS
and WSS. The extracted data is stored in either memory
(DRAM) via the Memory interface or in SFR locations.
18.1
Data Capture features
• Two CVBS inputs
• Video Signal Quality detector
• Data Capture for 625-line WST
• Data Capture for 525-line WST
• Data Capture for VPS data (Programme Delivery
Control (PDC) system A)
• Data Capture for Wide Screen Signalling (WSS) bit
decoding
• Automatic selection between 525 WST/625 WST
• Automatic selection between 625 WST/VPS on line 16
of Vertical Blanking Interval (VBI)
• Real-time capture and decoding for WST Teletext in
hardware, to enable optimized microprocessor
throughput
• Up to 10 pages stored on-chip
• Inventory of transmitted Teletext pages stored in the
Transmitted Page Table (TPT) and Subtitle Page Table
(SPT)
• Automatic detection of FASTEXT transmission
• Real-time packet 26 engine in hardware for processing
accented, G2 and G3 characters
• Signal quality detector for WST/VPS data types
• Comprehensive Teletext language coverage
• Full Field and Vertical Blanking Interval (VBI) data
capture of WST data.
Fig.15 Data capture block diagram.
handbook, full pagewidth
ADC
data<7:0>
VCS
SYNC_FILTER
TTD
TTC
DATA SLICER
AND
CLOCK RECOVERY
output data to memory interface and SFRs
GSA032
ACQUISITION
FOR
WST/VPS/WSS
CVBS
SWITCH
CVBS
CVBS0
CVBS1
ACQUISITION
TIMING
SYNC
SEPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com