Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8260ACVR Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC8260ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR Datasheet(HTML) 5 Page - Motorola, Inc

  MPC8260ACVR Datasheet HTML 1Page - Motorola, Inc MPC8260ACVR Datasheet HTML 2Page - Motorola, Inc MPC8260ACVR Datasheet HTML 3Page - Motorola, Inc MPC8260ACVR Datasheet HTML 4Page - Motorola, Inc MPC8260ACVR Datasheet HTML 5Page - Motorola, Inc MPC8260ACVR Datasheet HTML 6Page - Motorola, Inc MPC8260ACVR Datasheet HTML 7Page - Motorola, Inc MPC8260ACVR Datasheet HTML 8Page - Motorola, Inc MPC8260ACVR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
5
Features
– Supports two groups of four TDM channels for a total of eight TDMs
– 2,048 bytes of SI RAM
– Bit or byte resolution
– Independent transmit and receive routing, frame synchronization
– Supports T1, CEPT, T1/E1, T3/E3, pulse code modulation highway, ISDN basic rate, ISDN
primary rate, Motorola interchip digital link (IDL), general circuit interface (GCI), and
user-defined TDM serial interfaces
— Eight independent baud rate generators and 20 input clock pins for supplying clocks to FCCs,
SCCs, SMCs, and serial channels
— Four independent 16-bit timers that can be interconnected as two 32-bit timers
Additional features of the MPC826xA family are as follows:
•
CPM
— 32-Kbyte dual-port RAM
— Additional MCC host commands
— Eight transfer transmission convergence (TC) layers between the TDMs and FCC2 to support
inverse multiplexing for ATM capabilities (IMA) (MPC8264 and MPC8266 only)
•
CPM multiplexing
— FCC2 can also be connected to the TC layer.
•
TC layer (MPC8264 and MPC8266 only)
— Each of the 8 TDM channels is routed in hardware to a TC layer block
– Protocol-specific overhead bits may be discarded or routed to other controllers by the SI
– Performing ATM TC layer functions (according to ITU-T I.432)
– Transmit (Tx) updates
– Cell HEC generation
– Payload scrambling using self synchronizing scrambler (programmable by the user)
– Coset generation (programmable by the user)
– Cell rate by inserting idle/unassigned cells
– Receive (Rx) updates
– Cell delineation using bit by bit HEC checking and programmable ALPHA and DELTA
parameters for the delineation state machine
– Payload descrambling using self synchronizing scrambler (programmable by the user)
– Coset removing (programmable by the user)
– Filtering idle/unassigned cells (programmable by the user)
– Performing HEC error detection and single bit error correction (programmable by user)
– Generating loss of cell delineation status/interrupt (LOC/LCD)
— Operates with FCC2 (UTOPIA 8)
— Provides serial loop back mode
— Cell echo mode is provided
— Supports both FCC transmit modes
– External rate mode—Idle cells are generated by the FCC (microcode) to control data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com