Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

050-112 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050-112
Description  Media Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-112 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050-112 Datasheet HTML 6Page - Glenair, Inc. 050-112 Datasheet HTML 7Page - Glenair, Inc. 050-112 Datasheet HTML 8Page - Glenair, Inc. 050-112 Datasheet HTML 9Page - Glenair, Inc. 050-112 Datasheet HTML 10Page - Glenair, Inc. 050-112 Datasheet HTML 11Page - Glenair, Inc. 050-112 Datasheet HTML 12Page - Glenair, Inc. 050-112 Datasheet HTML 13Page - Glenair, Inc. 050-112 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2014 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 15
E-mail: sales@glenair.com
050-112
Media Converter, Single or Dual Channel, Panel Mount
10/100/1000BASE-T to Fiber Optic Ethernet (SX, LX10 or FX)
Ratings and Specifications – FX VERSION
ETHERNET COMPLIANCE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.5
40
V
OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature
Top
-40
+85
°C
Supply Voltage
Vcc
5
28
36
V
Supply Current
Icc
150
mA
@28VDC PER CHANNEL
Supply Current
Icc
500
mA
@5VDC, PER CHANNEL
Power Supply Noise (Peak-Peak)
Vcc ripple
200
mV
OPTICAL CHARACTERISTICS – TRANSMITTER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power
POUT
-19
-14
dBm
1300nm LED (IEC 9314-3)
Optical Wavelength
λ
OUT
1270
1310
1380
nm
Spectral Width
Δλ
150
nm
OPTICAL CHARACTERISTICS - RECEIVER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity, BER 10
-10, PRBS 2-7-1
PIN
-32
dBm
PIN PD
Overload, BER 10
-10, PRBS 2-7-1
PIN
-14
dBm
Optical Wavelength
λ
IN
1270
1310
1380
nm
Parameter
Medium Type
Distance
Notes
Fast Ethernet, IEEE 802.3u,
100BASE-T
TIA/EIA-568-B Cat 5E
100m
Fast Ethernet, IEEE 802.3u,
100BASE-FX, IEC 9314-3
MMF (50/125µm) &
(62.5/125µm)
2km



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com