Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM6452AM Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6452AM
Description  Audio Variable Volume ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6452AM Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6452AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SM6452AM/BM
NIPPON PRECISION CIRCUITS—8
AC Analog Characteristics
AVDD = 9V, DVDD = 5V, (TBD)Vrms analog input amplitude, 1kHz analog input frequency, 100kΩ output
load resistance, Ta = 25°C, AC-coupled inputs
Analog inputs (AIN1 to AIN6)
Analog outputs (AOUT1 to AOUT6)
Reference voltage (VREF1, VREF2)
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Reference input amplitude
VAI
–
TBD
–
Vr m s
Input resistance1
1. R IN varies with the ATT setting. See figure 11 in the Analog Performance Characteristics section.
R IN
ATT = 0dB
TBD
TBD
TBD
Ω
Input clipping voltage
V CLP
THD + N = 1%, ATT = 0dB
–
T B D
–
Vr m s
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Residual noise voltage
V NS
Input signal: 0Vrm s ,
A - w eight filter, 0dBr =
(TBD)Vr m s , ATT = 0dB
–
TBD
TBD
µVrm s
Signal-to-noise ratio
S N R
T B D
T B D
–
dBr
Total harmonic distor tion + noise
THD + N
ATT = 0dB, 20kHz lowpass
filter
–
TBD
TBD
%
Gain control range
R CNT
−79
–
+16
d B
Step size
Step
0.8
1.0
1.5
d B
Attenuation error (1 to 20kHz)
ERR 1
+16 to
−60dB
T B D
–
T B D
d B
ERR 2
−61 to −79dB
T B D
–
T B D
d B
Absolute attenuation (1kHz)
AT 0
ATT = 16dB
–
T B D
–
d B
AT 1
ATT = 0dB
–
T B D
–
d B
AT 2
ATT =
−20dB
–
T B D
–
d B
AT 3
ATT =
−40dB
–
T B D
–
d B
AT 4
ATT =
−60dB
–
T B D
–
d B
AT 5
ATT =
−79dB
–
T B D
–
d B
Mute attenuation (1kHz)
Mute
ATT = Mute
T B D
T B D
–
d B
Channel crosstalk1
1. Leakage to other channels when analog input is applied to one channel only.
C T
ATT = 0dB
T B D
T B D
–
d B
Frequency response
F R
ATT = 0dB, f = 200kHz
–
T B D
–
d B
Quiescent output zip noise voltage2
2. Noise occurring when the ATT setting is changed (peak to peak)
N J
0Vr ms input signal
–
–
T B D
mVp-p
Minimum dr iver load resistance
R ML
ATT = 0dB, THD + N = 1%
T B D
T B D
–
Ω
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Reference voltage output
V REF
0.45AV DD
0.5AV DD
0.55AV DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com