Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELM95 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM95
Description  CMOS PWM step-up DC/DC converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM95 Datasheet(HTML) 2 Page - ELM Electronics

  ELM95 Datasheet HTML 1Page - ELM Electronics ELM95 Datasheet HTML 2Page - ELM Electronics ELM95 Datasheet HTML 3Page - ELM Electronics ELM95 Datasheet HTML 4Page - ELM Electronics ELM95 Datasheet HTML 5Page - ELM Electronics ELM95 Datasheet HTML 6Page - ELM Electronics ELM95 Datasheet HTML 7Page - ELM Electronics ELM95 Datasheet HTML 8Page - ELM Electronics ELM95 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Rev.1.1
15 -
■Standard circuit
�������
���
����
��
����
���
���
����������
�����
����
����
����
Pin No.
Pin name
1
VSS
2
VOUT
3
LX
SOT-89(TOP VIEW)
■Pin configuration
ELM95xxxxE CMOS PWM step-up DC/DC converter
ELM95xxxxE-x
Symbol
a, b
Output voltage
e.g.:
27: Vout=2.7V, 30: Vout=3.0V
33: Vout=3.3V, 50: Vout=5.0V
c
Switching frequency
and maximum duty ratio
A : Switching frequency=55kHz,
Maximum duty ratio=60%
B : Switching frequency=100kHz,
Maximum duty ratio=77%
d
Package
A : SOT-89
B : SOT-23
e
Product version
E
f
Taping direction
S: Refer to PKG file
N: Refer to PKG file
ELM95 x x x x E - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
■Selection guide
Pin No.
Pin name
1
VSS
2
LX
3
VOUT
SOT-23(TOP VIEW)
1
3
2
ELM95xxAxE
�������
���
����
��
����
���
���
����������
�����
����
����
����
ELM95xxBxE
Ceramic capacitors are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com