Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LQ16 Datasheet(PDF) 39 Page - ELM Electronics

Part # GD25LQ16
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ16 Datasheet(HTML) 39 Page - ELM Electronics

Back Button GD25LQ16 Datasheet HTML 35Page - ELM Electronics GD25LQ16 Datasheet HTML 36Page - ELM Electronics GD25LQ16 Datasheet HTML 37Page - ELM Electronics GD25LQ16 Datasheet HTML 38Page - ELM Electronics GD25LQ16 Datasheet HTML 39Page - ELM Electronics GD25LQ16 Datasheet HTML 40Page - ELM Electronics GD25LQ16 Datasheet HTML 41Page - ELM Electronics GD25LQ16 Datasheet HTML 42Page - ELM Electronics GD25LQ16 Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
39
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ16xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Figure 26. Read Manufacture ID/Device ID Quad I/O Sequence Diagram
Command
0 1 2 3 4 5 6 7
94H
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
4 0 4 0 4 0 4 0
16 17 18 19 20 21 22 23
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-16 A15-8 A7-0 M7-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
WP#(IO2)
HOLD#(IO3)
Dummy
MFR ID DID
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
24 25 26 27 28 29 30 31
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
MFR ID
(Repeat)
DID
(Repeat)
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
MFR ID
(Repeat)
DID
(Repeat)
7.24. Read Manufacture ID/Device ID Quad I/O (94H)
The Read Manufacturer/Device ID Quad I/O command is an alternative to the Release from Power-Down/
Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by
quad I/O.
The command is initiated by driving the CS# pin low and shifting the command code “94H” followed by a
24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown in Figure26. If the 24-bit address is
initially set to 000001H, the Device ID will be read first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com