Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q80 Datasheet(PDF) 21 Page - ELM Electronics

Part # GD25Q80
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q80 Datasheet(HTML) 21 Page - ELM Electronics

Back Button GD25Q80 Datasheet HTML 17Page - ELM Electronics GD25Q80 Datasheet HTML 18Page - ELM Electronics GD25Q80 Datasheet HTML 19Page - ELM Electronics GD25Q80 Datasheet HTML 20Page - ELM Electronics GD25Q80 Datasheet HTML 21Page - ELM Electronics GD25Q80 Datasheet HTML 22Page - ELM Electronics GD25Q80 Datasheet HTML 23Page - ELM Electronics GD25Q80 Datasheet HTML 24Page - ELM Electronics GD25Q80 Datasheet HTML 25Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21
Rev.1.0
49 -
http://www.elm-tech.com
GD25Q80CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.11. Quad I/O Fast Read (EBH)
The Quad I/O Fast Read command is similar to the Dual I/O Fast Read command but with the capability to
input the 3-byte address (A23-0) and a “Continuous Read Mode” byte and 4-dummy clock 4-bit per clock
by IO0, IO1, IO2, IO3, each bit being latched in during the rising edge of SCLK, then the memory contents
are shifted out 4-bit per clock cycle from IO0, IO1, IO2, IO3. The command sequence is shown in followed
Figure13. The first byte addressed can be at any location. The address is automatically incremented to the next
higher address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9) must
be set to enable for the Quad I/O Fast read command.
Quad I/O Fast Read with “Continuous Read Mode”
The Quad I/O Fast Read command can further reduce command overhead through setting the “Continuous
Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M7-0)
=AXH, then the next Quad I/O Fast Read command (after CS# is raised and then lowered) does not require the
EBH command code. The command sequence is shown in followed Figure14. If the “Continuous Read Mode”
bits (M7-0) are any value other than AXH, the next command requires the first EBH command code, thus
returning to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M7-0) before
issuing normal command.
Figure 13. Quad I/O Fast Read Sequence Diagram (M7-0 = 0XH or not AXH)
Command
0 1 2 3 4 5 6 7
EBH
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
4 0 4 0 4 0 4 0
16 17 18 19 20 21 22 23
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-16 A15-8 A7-0 M7-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
WP#(IO2)
HOLD#(IO3)
4
5
6
7
Dummy
Byte1 Byte2
Figure 14. Quad I/O Fast Read Sequence Diagram (M7-0 = AXH)
0 1 2 3 4 5 6 7
CS#
SCLK
8 9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4
5
6
7
A23-16 A15-8 A7-0 M7-0
Dummy
Byte1 Byte2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com