Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMDF2N05ZR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF2N05ZR2
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N05ZR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF2N05ZR2 Datasheet HTML 1Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 2Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 3Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 4Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 5Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 6Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 7Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 8Page - ON Semiconductor MMDF2N05ZR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF2N05ZR2
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Cpk ≥ 2.0) (Note 3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
50
−
56
55
−
−
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 15 Vdc, VGS = 0 Vdc)
(VDS = 15 Vdc, VGS = 0 Vdc, TJ = 55°C)
IDSS
−
−
−
−
2.0
25
μAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0)
IGSS
−
0.14
0.5
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(Cpk ≥ 2.0) (Note 3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
−
3.0
−5.0
4.0
−
Vdc
mV/°C
Static Drain−to−Source On−Resistance
(Cpk ≥ 2.0) (Note 3)
(VGS = 10 Vdc, ID = 1.5 Adc)
(VGS = 5.0 Vdc, ID = 0.6 Adc)
RDS(on)
−
−
200
350
300
500
mΩ
Forward Transconductance
(VDS = 15 Vdc, ID = 2.5 Adc)
gFS
−
2.0
−
mMhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 15 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
104
−
pF
Output Capacitance
Coss
−
58
−
Transfer Capacitance
Crss
−
16
−
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 0.6 Adc,
VGS = 10 Vdc,
RG = 25 Ω)
td(on)
−
24
48
ns
Rise Time
tr
−
46
92
Turn−Off Delay Time
td(off)
−
130
260
Fall Time
tf
−
71
142
Gate Charge
(see figure 8)
(VDS = 25 Vdc, ID = 1.3 Adc,
VGS = 10 Vdc)
QT
−
3.3
4.6
nC
Q1
−
0.7
−
Q2
−
1.3
−
Q3
−
1.4
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
−
0.82
1.4
Vdc
Reverse Recovery Time
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs)
trr
−
66
−
ns
ta
−
23
−
tb
−
43
−
Reverse Recovery Storage Charge
QRR
−
0.08
−
μC
1. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
3. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com