Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSF5P02HDR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSF5P02HDR2
Description  P-Channel Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF5P02HDR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMSF5P02HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF5P02HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMSF5P02HD
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Max
Unit
Drain−to−Source Voltage
VDSS
20
V
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
V
Gate−to−Source Voltage − Continuous
VGS
± 8.0
V
1″ SQ.
FR−4 or G−10 PCB
10 seconds
Thermal Resistance − Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (Note 2)
RTHJA
PD
ID
ID
IDM
50
2.5
20
8.7
7.0
43.5
°C/W
Watts
mW/°C
A
A
A
Minimum
FR−4 or G−10 PCB
10 seconds
Thermal Resistance − Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (Note 2)
RTHJA
PD
ID
ID
IDM
80
1.56
12.5
6.9
5.5
35
°C/W
Watts
mW/°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 4.5 Vdc, Peak IL = 19 Apk, L = 5.5 mH, RG = 25 W)
EAS
1000
mJ
1. Negative sign for P−Channel devices omitted for clarity.
2. Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com