Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJE24VM5FN2 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJE24VM5FN2
Description  ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE24VM5FN2 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJE24VM5FN2 Datasheet HTML 1Page - Pan Jit International Inc. PJE24VM5FN2 Datasheet HTML 2Page - Pan Jit International Inc. PJE24VM5FN2 Datasheet HTML 3Page - Pan Jit International Inc. PJE24VM5FN2 Datasheet HTML 4Page - Pan Jit International Inc. PJE24VM5FN2 Datasheet HTML 5Page - Pan Jit International Inc. PJE24VM5FN2 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJE24VM5FN2
July 13,2015-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
VRWM
-
-
-
24
V
Reverse Breakdown Voltage
VBR
IBR=1mA
25
-
29
V
Reverse leakage current
IR
VR=24V
-
-
0.1
A
Clamping Voltage
VCL
IPP=1A, tP=8/20s
-
30
40
V
IPP=3A, tP=8/20s
-
35
-
Clamping Voltage TLP
(Notes 1)
VCL
IPP=4A, tP=100ns
-
30.6
-
V
IPP=8A, tP=100ns
-
32.5
-
Dynamic Resistance
(Notes 1)
RDYN
tP=100ns
-
0.48
-

Off State Junction Capacitance
CJ
0Vdc Bias f=1MHz
-
-
50
pF
NOTES :
1.
Testing using Transmission Line Pulse (TLP) conditions: Z0 = 50Ω , tP = 100 ns.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com